Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX110 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # RX110
Description  32 MHz 32-bit RX MCUs, 50 DMIPS
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX110 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button RX110_16 Datasheet HTML 63Page - Renesas Technology Corp RX110_16 Datasheet HTML 64Page - Renesas Technology Corp RX110_16 Datasheet HTML 65Page - Renesas Technology Corp RX110_16 Datasheet HTML 66Page - Renesas Technology Corp RX110_16 Datasheet HTML 67Page - Renesas Technology Corp RX110_16 Datasheet HTML 68Page - Renesas Technology Corp RX110_16 Datasheet HTML 69Page - Renesas Technology Corp RX110_16 Datasheet HTML 70Page - Renesas Technology Corp RX110_16 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 67 of 108
Jul 29, 2016
RX110 Group
5. Electrical Characteristics
5.3.2
Reset Timing
Note 1. When OFS1.(STUPLVD1REN, FASTSTUP) = 11b.
Note 2. When OFS1.(STUPLVD1REN, FASTSTUP)
≠ 11b.
Note 3. When IWDTCR.CKS[3:0] = 0000b.
Figure 5.25
Reset Input Timing at Power-On
Figure 5.26
Reset Input Timing (1)
Figure 5.27
Reset Input Timing (2)
Table 5.23
Reset Timing
Conditions: 1.8 V
≤ VCC ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
RES# pulse width
At power-on
tRESWP
3
ms
Figure 5.25
Other than above
tRESW
30
μs
Figure 5.26
Wait time after RES# cancellation
(at power-on)
At normal startup*1
tRESWT
8.5
ms
Figure 5.25
During fast startup time*2
tRESWT
—560
μs
Wait time after RES# cancellation
(during powered-on state)
tRESWT
—114
μs
Figure 5.26
Independent watchdog timer reset period
tRESWIW
1
IWDT clock
cycle
Figure 5.27
Software reset period
tRESWSW
1
ICLK cycle
Wait time after independent watchdog timer reset cancellation*3
tRESW2
—300
μs
Wait time after software reset cancellation
tRESW2
—168
μs
VCC
RES#
tRESWP
Internal reset
tRESWT
RES#
Internal reset
tRESWT
tRESW
Independent watchdog timer reset
Software reset
Internal reset
tRESWT2
tRESWIW, tRESWSW


Similar Part No. - RX110_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX110 RENESAS-RX110_15 Datasheet
1Mb / 103P
   RX110_15
More results

Similar Description - RX110_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com