Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX110 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # RX110
Description  32 MHz 32-bit RX MCUs, 50 DMIPS
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX110 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button RX110_16 Datasheet HTML 43Page - Renesas Technology Corp RX110_16 Datasheet HTML 44Page - Renesas Technology Corp RX110_16 Datasheet HTML 45Page - Renesas Technology Corp RX110_16 Datasheet HTML 46Page - Renesas Technology Corp RX110_16 Datasheet HTML 47Page - Renesas Technology Corp RX110_16 Datasheet HTML 48Page - Renesas Technology Corp RX110_16 Datasheet HTML 49Page - Renesas Technology Corp RX110_16 Datasheet HTML 50Page - Renesas Technology Corp RX110_16 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 47 of 108
Jul 29, 2016
RX110 Group
5. Electrical Characteristics
Table 5.4
DC Characteristics (2)
Conditions: 1.8 V
≤ VCC < 2.7 V, 1.8 V ≤ AVCC0 < 2.7 V, VSS = AVSS0 = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Schmitt trigger input
voltage
Ports P16, P17, port PA6, port PB0
(5 V tolerant)
VIH
VCC × 0.8
5.8
V
Ports P03, P05,
ports P14, P15,
ports P26, P27,
ports P30 to P32, P35,
ports P54, P55,
ports PA0, PA1, PA3, PA4,
ports PB1, PB3, PB5 to PB7,
ports PC0 to PC7,
ports PE0 to PE7,
ports PH0 to PH3, PH7,
RES#
VCC × 0.8
VCC + 0.3
All pins
–0.3
VCC × 0.2
All pins
∆V
T
VCC × 0.01
Input voltage
(except for Schmitt
trigger input pins)
MD
VIH
VCC × 0.9
VCC + 0.3
V
XTAL (external clock input)
VCC × 0.8
VCC + 0.3
Ports P40 to P44, P46,
ports PJ6, PJ7
AVCC0 × 0.7
AVCC0 + 0.3
MD
VIL
–0.3
VCC × 0.1
XTAL (external clock input)
–0.3
VCC × 0.2
Ports P40 to P44, P46,
ports PJ6, PJ7
–0.3
AVCC0 × 0.3
Table 5.5
DC Characteristics (3)
Conditions: 1.8 V
≤ VCC ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input leakage
current
RES#, MD, port P35, port PH7
I
in
——
1.0
µA
Vin = 0 V, VCC
Three-state
leakage current
(off-state)
Ports for 5 V tolerant
I
TSI
——
1.0
µA
Vin = 0 V, 5.8 V
Pins other than above
1.0
Vin = 0 V, VCC
Input capacitance
All input pins
(except for port P16, port P35)
Cin
——
15
pF
Vin = 0 mV,
Frequency: 1 MHz,
Ta = 25°C
Port P16, port P35
30
Table 5.6
DC Characteristics (4)
Conditions:
1.8 V
≤ VCC ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input pull-up
resistor
All ports
(except for port P35, port PH7)
RU
10
20
100
k
Vin = 0 V


Similar Part No. - RX110_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX110 RENESAS-RX110_15 Datasheet
1Mb / 103P
   RX110_15
More results

Similar Description - RX110_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com