Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F563TBBGFA Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F563TBBGFA
Description  100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563TBBGFA Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F563TBBGFA Datasheet HTML 4Page - Renesas Technology Corp R5F563TBBGFA Datasheet HTML 5Page - Renesas Technology Corp R5F563TBBGFA Datasheet HTML 6Page - Renesas Technology Corp R5F563TBBGFA Datasheet HTML 7Page - Renesas Technology Corp R5F563TBBGFA Datasheet HTML 8Page - Renesas Technology Corp R5F563TBBGFA Datasheet HTML 9Page - Renesas Technology Corp R5F563TBBGFA Datasheet HTML 10Page - Renesas Technology Corp R5F563TBBGFA Datasheet HTML 11Page - Renesas Technology Corp R5F563TBBGFA Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 186 page
background image
R01DS0087EJ0220 Rev.2.20
Page 8 of 186
Mar 31, 2016
RX63T Group
1. Overview
Note 1. Please contact Renesas Electronics sales office for derating of operation under Ta = +85°C to +105°C. Derating is the
systematic reduction of load for the sake of improved reliability.
Operating temperature
D version: -40 to +85°C,
G version: -40 to +105°C *1
Package
144-pin LQFP (PLQP0144KA-A (20 × 20, 0.5-mm pitch))
120-pin LQFP (PLQP0120KA-A (16 × 16, 0.5-mm pitch))
112-pin LQFP (PLQP0112JA-A (20 × 20, 0.65-mm pitch))
100-pin LQFP (PLQP0100KB-A (14 × 14, 0.5-mm pitch))
64-pin LQFP (PLQP0064KB-A (10 × 10, 0.5-mm pitch))
48-pin LQFP (PLQP0048KB-A (07 × 07, 0.5-mm pitch))
On-chip debugging system
 E1 emulator (JTAG and FINE interfaces)
 E20 emulator (JTAG interface)
Table 1.1
Outline of Specifications (7/7)
Classification
Module/Function
Description


Similar Part No. - R5F563TBBGFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563TBBDFP RENESAS-R5F563TBBDFP Datasheet
669Kb / 16P
   MPU/MCU
More results

Similar Description - R5F563TBBGFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX72N RENESAS-RX72N Datasheet
2Mb / 179P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
Rev.1.11 Feb 26, 2021
RX66N RENESAS-RX66N Datasheet
1Mb / 175P
   120-MHz 32-bit RX MCU, on-chip double-precision FPU, 698 CoreMark
Feb 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com