Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17L152IM Datasheet(PDF) 8 Page - Exar Corporation

Part # XR17L152IM
Description  3.3V PCI BUS DUAL UART
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17L152IM Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR17L152IM Datasheet HTML 4Page - Exar Corporation XR17L152IM Datasheet HTML 5Page - Exar Corporation XR17L152IM Datasheet HTML 6Page - Exar Corporation XR17L152IM Datasheet HTML 7Page - Exar Corporation XR17L152IM Datasheet HTML 8Page - Exar Corporation XR17L152IM Datasheet HTML 9Page - Exar Corporation XR17L152IM Datasheet HTML 10Page - Exar Corporation XR17L152IM Datasheet HTML 11Page - Exar Corporation XR17L152IM Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
áç
áç
áç
áç
XR17L152
3.3V PCI BUS DUAL UART
DISCONTINUED
REV. 1.1.0
8
0x04
31
30
29:28
RWC
RWC
RO
Parity error detected. Cleared by writing a logic 1.
System error detected. Cleared by writing a logic 1.
Unused
0000
27
R-Reset
Target Abort. Set whenever L152 terminates with a target abort.
0
26:25
RO
DEVSEL# timing.
00
24
RO
Unimplemented bus master error reporting bit
0
23
RO
Fast back to back transactions are supported
1
22:16
RO
Reserved Status bits
000 0000
15:9,7,
5,4,3,2
RO
Command bits (reserved)
0x0000
8
RWR
SERR# driver enable. Logic 1=enable driver and 0=disable driver
0
6
RWR
Parity error enable. Logic 1=respond to parity error and 0=ignore
0
1
RWR
Command controls a device’s response to mem space accesses:
0=disable mem space accesses, 1=enable mem space accesses
0
0
RO
Command controls a device’s response to I/O space accesses:
0 = disable I/O space accesses 1 = enable I/O space accesses
0
0x08
31:8
RO
Class Code (Simple 550 Communication Controller).
0x070002
7:0
RO
Revision ID (Exar device revision number)
0x01
0x0C
31:24
RO
BIST (Built-in Self Test)
0x00
23:16
RO
Header Type (a single function device with one BAR)
0x00
15:8
RO
Unimplemented Latency Timer (needed only for bus master)
0x00
7:0
RO
Unimplemented Cache Line Size
0x00
0x10
31:10
RWR
Memory Base Address Register (BAR)
0x00 00 00
9:0
RO
Claims a 1K address space for the memory mapped UARTs
00 0000 0000
0x14
31:0
RO
Unimplemented Base Address Register (returns zeros)
0x00000000
0x18h
31:0
RO
Unimplemented Base Address Register (returns zeros)
0x00000000
0x1C
31:0
RO
Unimplemented Base Address Register (returns zeros)
0x00000000
0x20
31:0
RO
Unimplemented Base Address Register (returns zeros)
0x00000000
0x24
31:0
RO
Unimplemented Base Address Register (returns zeros)
0x00000000
0x28
31:0
RO
Reserved
0x00000000
0x2C
31:16
RWR1
Subsystem ID (write from external EEPROM by customer)
0x0000
15:0
RWR1
Subsystem Vendor ID (write from external EEPROM by cus-
tomer)
0x0000
0x30
31:0
RO
Expansion ROM Base Address (Unimplemented)
0x00000000
TABLE 1: PCI LOCAL BUS CONFIGURATION SPACE REGISTERS
ADDRESS
BITS
TYPE
DESCRIPTION
RESET VALUE
(HEX)


Similar Part No. - XR17L152IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17L154CV EXAR-XR17L154CV Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17L154IV EXAR-XR17L154IV Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
More results

Similar Description - XR17L152IM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com