Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9259TB24 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9259TB24
Description  Quad Digitally-Controlled (XDCP) Potentiometers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9259TB24 Datasheet(HTML) 2 Page - Xicor Inc.

  X9259TB24 Datasheet HTML 1Page - Xicor Inc. X9259TB24 Datasheet HTML 2Page - Xicor Inc. X9259TB24 Datasheet HTML 3Page - Xicor Inc. X9259TB24 Datasheet HTML 4Page - Xicor Inc. X9259TB24 Datasheet HTML 5Page - Xicor Inc. X9259TB24 Datasheet HTML 6Page - Xicor Inc. X9259TB24 Datasheet HTML 7Page - Xicor Inc. X9259TB24 Datasheet HTML 8Page - Xicor Inc. X9259TB24 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
X9259
Characteristics subject to change without notice.
2 of 25
REV 1.2.3 4/30/02
www.xicor.com
DETAILED FUNCTIONAL DIAGRAM
INTERFACE
AND
CONTROL
CIRCUITRY
A0
SCL
SDA
A1
A2
WP
A3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 1
RH1
RL1
Wiper
Counter
Register
(WCR)
RH0 RL0
Data
8
RW0
Resistor
Array
RH2
RL2
RW2
Resistor
Array
RH3
RL3
RW3
Wiper
Counter
Register
(WCR)
Wiper
Counter
Register
(WCR)
Pot 3
Pot 2
Pot 0
VCC
VSS
256-taps
50K
Ω and 100KΩ
Power On
Recall
Power On
Recall
Power On
Recall
Power On
Recall
DR0 DR1
DR2 DR3
DR0 DR1
DR2 DR3
DR0 DR1
DR2 DR3
DR0 DR1
DR2 DR3
RW1
CIRCUIT LEVEL APPLICATIONS
• Vary the gain of a voltage amplifier
• Provide programmable dc reference voltages for
comparators and detectors
• Control the volume in audio circuits
• Trim out the offset voltage error in a voltage amplifier
circuit
• Set the output voltage of a voltage regulator
• Trim the resistance in Wheatstone bridge circuits
• Control the gain, characteristic frequency and
Q-factor in filter circuits
• Set the scale factor and zero point in sensor signal
conditioning circuits
• Vary the frequency and duty cycle of timer ICs
• Vary the dc biasing of a pin diode attenuator in RF
circuits
• Provide a control variable (I, V, or R) in feedback
circuits
SYSTEM LEVEL APPLICATIONS
• Adjust the contrast in LCD displays
• Control the power level of LED transmitters in
communication systems
• Set and regulate the DC biasing point in an RF power
amplifier in wireless systems
• Control the gain in audio and home entertainment
systems
• Provide the variable DC bias for tuners in RF wireless
systems
• Set the operating points in temperature control
systems
• Control the operating point for sensors in industrial
systems
• Trim offset and gain errors in artificial intelligent
systems


Similar Part No. - X9259TB24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259TS24 INTERSIL-X9259TS24 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259TS24 INTERSIL-X9259TS24 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9259TS24-2.7 INTERSIL-X9259TS24-2.7 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259TS24-2.7 INTERSIL-X9259TS24-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9259TS24I INTERSIL-X9259TS24I Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
More results

Similar Description - X9259TB24

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com