Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A22K1V1-EC Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # A22K1V1-EC
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

A22K1V1-EC Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  A22K1V1-EC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. A22K1V1-EC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. A22K1V1-EC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. A22K1V1-EC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. A22K1V1-EC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. A22K1V1-EC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. A22K1V1-EC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Series A
Process Sealed Subminiature Rockers
B8
B
www.nkkswitches.com
PC TERMINALS
Color Codes:
Straight
Antirotational
Material: Polyamide
Colors Available:
A, B, C, E, F, G, H
Straight with Bracket
Black
White
Red
Yellow
Green
Blue
A
B
C
E
F
G
P
B
Straight with Inline Bracket
Single Pole only
B1
Right Angle
with Bracket
Vertical with Bracket
H
V
Vertical with Inline Bracket
Single Pole only
V1
ROCKERS & COLORS
AT469
.260” (6.6mm) Wide Rocker
C
AT062
.250” (6.35mm) Wide Rocker
D
Antirotational
Material: Polyamide
Colors Available:
A, B, C
Gray
H
Antirotational
Material: Polyamide
Colors Available:
A, B, C
AT066
.300” (7.6mm) Wide Rocker
E
Use of a support bracket is recommended to increase PCB mounting strength and stability.
(2.54) Typ
.100
(0.6) Dia Typ
.024
(5.08) Typ
.200
(0.8)
.031
(8.8)
.346
(9.0)
.354
(5.08)
.200
(5.08)
.200
(10.16)
.400
(9.0)
.354
(8.8)
.346
(2.54) Typ
.100
(0.3) Typ
.012
(0.7) Typ
.028
(0.6) Dia Typ
.024
CL
(10.16)
.400
(2.54)
.100
(5.08)
.200
(1.0)
.039
(9.0)
.354
(0.3) Typ
.012
(0.7) Typ
.028
(0.6) Dia Typ
.024
(2.54) Typ
.100
(9.0)
.354
(2.54) Typ
.100
(2.54) Typ
.100
(5.08)
.200
(0.6) Dia Typ
.024
(8.8)
.346
(0.5)
.020
(0.7)
.028
(0.3)
.012
(5.08)
.200
(5.08)
.200
(2.54) Typ
.100
(0.3)
.012
(0.7)
.028
(9.0)
.354
(8.8)
.346
(0.6) Dia Typ
.024
(0.5) Typ
.020
CL
(5.08)
.200
(5.08)
.200
(2.54) Typ
.100
(0.3)
.012
(0.7)
.028
(9.0)
.354
(0.5) Typ
.020
(0.6) Dia Typ
.024
(1.0)
.039
26°
(13.4)
.528
(12.9)
.508
(4.5)
.177
(8.2)
.323
(10.2)
.402
(19.0)
.748
(6.6)
.260
(14.73)
.580
26°
(11.4)
.448
(7.0)
.276
(8.8)
.346
(4.5)
.177
(11.5)
.452
(6.35)
.250
(15.2)
.600
26°
(11.4)
.448
(11.5)
.452
(4.5)
.177
(7.0)
.276
(8.8)
.346
(7.6)
.300
(7.9)
.310
(20.1)
.790
+.020
-.000
(7.1)
.280
(15.24)
.600
+.020
-.000
(8.9)
.350
(15.75)
.620 +.020
-.000


Similar Part No. - A22K1V1-EC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A22K1V1 NKK-A22K1V1 Datasheet
266Kb / 7P
   Process Sealed Subminiature Rockers
More results

Similar Description - A22K1V1-EC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com