Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM9710 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM9710
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM9710 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9710 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
8
Test Characteristics:
AVDD = 3.3V, DVDD = 3.3V, 48kHz audio sampling, TA = 25
oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Mixer Inputs to Line-out (10k
Ω load)
Maximum input voltage
AGND
0.7
AVDD
Vrms
Maximum output voltage
on LINEOUT
0.7
Vrms
CD inputs
90
92
Signal to Noise Ratio
A-weighted (Note 2)
SNR
Other inputs
82
93
dB
CD and LINE inputs
-87
0.0044
-77
0.014
PHONE input
-82
0.008
-71
0.028
MIC1 input
-82
0.008
-71
0.028
MIC2 input
-90
0.003
-71
0.028
Total Harmonic Distortion +
Noise
-1dBfs input
THD+N
PCBEEP input
-78
0.013
-67
0.045
dB
%
Input impedance (CD inputs)
At any gain
15
k
At max gain
10
20
k
Input impedance (other mixer
inputs)
At 0db gain
50
100
k
At max gain
10
20
k
Input impedance MIC inputs
At 0db gain
55
100
k
Power Supply Rejection Ratio
PSRR
20 to 20kHz, without
supply decoupling
-40
dB
Headphone Buffer (pins HPOUTL, HPOUR and MONOOUT)
Maximum output voltage
0.7
Vrms
RL = 32
30
mW
Max Output Power (Note 1)
PO
RL = 16
40
mW
SNR (Note 2)
A-weighted
85
92
dB
1kHz, RL = 32
Ω @ PO =
10mW rms
-80
0.01
dB
%
1kHz, RL = 32
Ω@ PO =
20mW rms
-77
0.014
dB
%
1kHz, RL = 16
Ω @ PO =
10mW rms
-76dB
0.016
dB
%
Total Harmonic Distortion +
Noise
THD+N
1kHz, RL = 16
Ω@ PO =
20mW rms
-75dB
0.018
dB
%
Power Supply Rejection Ratio
PSRR
20 to 20kHz, without
supply decoupling
-40
dB
Clocks
Crystal clock
24.576
MHz
BITCLK frequency
12.288
MHz
SYNC frequency
48.0
KHz
Note:
1.
Harmonic distortion on the headphone output decreases with output power – see Figure 3.
2.
SNR is the ratio of 0dB signal amplitude to noise floor with no signal present (all 0s input code to DACs).
3.
ADC sampling capacitance allows the user to calculate the minimum external capacitance required for a stable ADC value.


Similar Part No. - WM9710

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
   LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM9711L WOLFSON-WM9711L Datasheet
607Kb / 65P
   Low Power Audio CODEC for Portable Applications
WM9711LGEFL/RV WOLFSON-WM9711LGEFL/RV Datasheet
607Kb / 65P
   Low Power Audio CODEC for Portable Applications
WM9711LGEFL/V WOLFSON-WM9711LGEFL/V Datasheet
607Kb / 65P
   Low Power Audio CODEC for Portable Applications
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
   Low Power Audio CODEC for Portable Applications
More results

Similar Description - WM9710

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
   AC97 Audio and Touchpanel CODEC
logo
Asahi Kasei Microsystem...
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
   AC97 AUDIO CODEC WITH SRC AND DIT
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
   AC97 AUDIO CODEC
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
   AC97 Rev2.1 Audio CODEC with SRC
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
List of Unclassifed Man...
AV2722 ETC-AV2722 Datasheet
273Kb / 29P
   AUDIO CODEC WITH HEADPHONE DRIVER AND PROGRAMMABLE SAMPLE RATES
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com