Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F563TBDDFB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F563TBDDFB
Description  100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F563TBDDFB Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F563TBDDFB Datasheet HTML 1Page - Renesas Technology Corp R5F563TBDDFB Datasheet HTML 2Page - Renesas Technology Corp R5F563TBDDFB Datasheet HTML 3Page - Renesas Technology Corp R5F563TBDDFB Datasheet HTML 4Page - Renesas Technology Corp R5F563TBDDFB Datasheet HTML 5Page - Renesas Technology Corp R5F563TBDDFB Datasheet HTML 6Page - Renesas Technology Corp R5F563TBDDFB Datasheet HTML 7Page - Renesas Technology Corp R5F563TBDDFB Datasheet HTML 8Page - Renesas Technology Corp R5F563TBDDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 186 page
background image
RX63T Group
Renesas MCUs
R01DS0087EJ0220 Rev.2.20
Page 1 of 186
Mar 31, 2016
Datasheet
Features
■ 32-bit RX CPU core
 Max. operating frequency: 100 MHz
Capable of 165 DMIPS in operation at 100 MHz
 Single precision 32-bit IEEE-754 floating point
 Two types of multiply-and-accumulation unit (between memories
and between registers)
 32-bit multiplier (fastest instruction execution takes one CPU clock
cycle)
 Divider (fastest instruction execution takes two CPU clock cycles)
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions: Ultra-compact code
 Supports the memory protection unit (MPU)
 Two types of debugging interfaces: JTAG and FINE (two-line)
■ Low-power design and architecture
 Single 3.3-V supply or single 5-V supply; 3.3-V products can be
used with a 5-V analog power supply
 Four low-power modes
■ On-chip main flash memory, no wait states
 100-MHz operation, 10-ns read cycle (no wait states)
 Max. 512 Kbytes
 User code is programmable by USB, SCI, or JTAG.
■ On-chip data flash memory
 Max. 32 Kbytes, reprogrammable up to 100,000 times
 Programming/erasing as background operations (BGOs)
■ On-chip SRAM, no wait states
 Max. 48 Kbytes
 For instructions and operands
■ DMA
 DMA: Incorporates four channels
 DTC: A single unit can handle transfer on multiple channels.
■ Reset and supply management
 Power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 External crystal oscillator or internal PLL for operation at 4 to 12.5
MHz
 Internal 125-kHz LOCO
 Dedicated 125-kHz LOCO for the IWDT
■ Independent watchdog timer
 125-kHz LOCO clock operation
■ Useful functions for IEC60730 compliance
 Oscillation-stop detection, frequency measurement, CRC, IWDT,
self-diagnostic function for the A/D converter, etc.
■ External address space
 4 CS areas (4 × 1 Mbyte)
 Multiplexed address data or separate address lines are selectable per
area.
 8- or 16-bit bus space is selectable per area.
■ Up to 11 communications interfaces
 USB 2.0 full-speed function interface (1 channel)
 CAN (compliant with ISO11898-1), incorporating 32 mailboxes (1
channel)
 SCI with multiple functionalities (5 channels)
Choose from among asynchronous mode, clock-synchronous mode,
smart-card interface mode, simple SPI, simple I2C, and extended
serial mode.
 I2C bus interface for SMBus (2 channels)
 RSPI for high-speed transfer (2 channels)
■ Up to twenty 16-bit timers
 16-bit MTU3: 100-MHz operation, input capture, output compare,
three-phase complementary PWM waveform output (2 channels),
phase-counting mode (8 channels); complementary PWM does not
burden the CPU.
 16-bit GPT: 100-MHz operation, input capture, output compare, 4-
channel single-phase complementary PWM waveform output or 1-
channel three-phase complementary + 1-channel single-phase
complementary output, interlocking with comparator (counter
operation, PWM negation control), detection of abnormal oscillation
frequencies (useful for IEC60730 compliance)
(8 channels); complementary PWM does not burden the CPU.
 16-bit CMT (4 channels)
■ Generation of delays in PWM waveforms (for
products with the product ID code 1)
 The timing with which signals on the 16-bit GPT PWM output pin
rise and fall can be controlled with an accuracy of up to 312 ps (in
operation at 100 MHz).
■ Two A/D converters for 1-MHz operation, total of 8
channels
 Simultaneous sampling on 7 channels is possible with three units.
 Self-diagnosis function (useful for IEC60730 compliance)
 Two 12-bit ADCs: three sample-and-hold circuits, double data
registers, amplifier, comparator (8 channels)
 One 10-bit ADC (12 channels)
■ One A/D converter for 2-MHz operation, total of 20
channels
 One 10-bit ADC (20 channels)
■ 10-bit D/A converter: 2 channels
■ Digital Power Supply Controller-Dedicated
Calculation Function (for products with product ID
code 1)
 16-bit fixed-point calculation function that handles compensatory
calculations in the method of digital control for switched-mode
power supplies.
■ Register write protection function can protect values
in important registers against overwriting.
■ Up to 110 pins for GPIO
 Open drain, switchable driving ability
■ Operating temp. range
 –40C to +85C
 –40C to +105C
PLQP0144KA-A 20 × 20mm, 0.5mm pitch
PLQP0120KA-A 16 × 16mm, 0.5mm pitch
PLQP0112JA-A 20 × 20mm, 0.65mm pitch
PLQP0100KB-A 14 × 14mm, 0.5mm pitch
PLQP0064KB-A 10 × 10mm, 0.5mm pitch
PLQP0048KB-A 7 × 7mm, 0.5mm pitch
100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Two 12-bit ADCs (three S/H circuits, double data registers, amplifier, comparator), one 10-bit ADC, simultaneous
sampling on 7 channels using three ADCs, 100 MHz PWM (2 three-phase complementary channels + 4 single-phase
complementary channels or 3 three-phase complementary channels + 1 single-phase complementary channel)
R01DS0087EJ0220
Rev.2.20
Mar 31, 2016
Features


Similar Part No. - R5F563TBDDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F563TBBDFP RENESAS-R5F563TBBDFP Datasheet
669Kb / 16P
   MPU/MCU
R5F563TBEDFA RENESAS-R5F563TBEDFA Datasheet
669Kb / 16P
   MPU/MCU
R5F563TBEDFB RENESAS-R5F563TBEDFB Datasheet
669Kb / 16P
   MPU/MCU
R5F563TBEDFH RENESAS-R5F563TBEDFH Datasheet
669Kb / 16P
   MPU/MCU
R5F563TBEDFP RENESAS-R5F563TBEDFP Datasheet
669Kb / 16P
   MPU/MCU
More results

Similar Description - R5F563TBDDFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX72N RENESAS-RX72N Datasheet
2Mb / 179P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
Rev.1.11 Feb 26, 2021
RX66N RENESAS-RX66N Datasheet
1Mb / 175P
   120-MHz 32-bit RX MCU, on-chip double-precision FPU, 698 CoreMark
Feb 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com