Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W39L010P-70B Datasheet(PDF) 6 Page - Winbond

Part # W39L010P-70B
Description  128K X 8 CMOS FLASH MEMORY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L010P-70B Datasheet(HTML) 6 Page - Winbond

Back Button W39L010P-70B Datasheet HTML 2Page - Winbond W39L010P-70B Datasheet HTML 3Page - Winbond W39L010P-70B Datasheet HTML 4Page - Winbond W39L010P-70B Datasheet HTML 5Page - Winbond W39L010P-70B Datasheet HTML 6Page - Winbond W39L010P-70B Datasheet HTML 7Page - Winbond W39L010P-70B Datasheet HTML 8Page - Winbond W39L010P-70B Datasheet HTML 9Page - Winbond W39L010P-70B Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
W39L010
- 6 -
The manufacturer and device codes may also be read via the command register, for instance, when
the W39L010 is erased or programmed in a system without access to high voltage on the A9 pin. The
command sequence is illustrated in "Auto-select Codes".
Byte 0 (A0 = VIL) represents the manufacturer
′s code (Winbond = DAH) and byte 1 (A0 = VIH) the
device identifier code (W39L010 = 31H). All identifiers for manufacturer and device will exhibit odd
parity with DQ7 defined as the parity bit. In order to read the proper device codes when executing the
Auto-select, A1 must be low state.
6.2 Data Protection
The W39L010 is designed to offer protection against accidental erasure or programming caused by
spurious system level signals that may exist during power transitions. During power up the device
automatically resets the internal state machine in the Read mode. Also, with its control register
architecture, alteration of the memory contents only occurs after successful completion of specific
multi-bus cycle command sequences. The device also incorporates several features to prevent
inadvertent write cycles resulting from VDD power-up and power-down transitions or system noise.
6.2.1
Boot Block Operation
There are two alternatives to set the boot block. The 8K-byte in the top/bottom location of this device
can be locked as boot block, which can be used to store boot codes. It is located in the last 8K bytes
or first 8K bytes of the memory with the address range from 1E000(hex) to 1FFFF(hex) for top location
or 00000(hex) to 01FFF(hex) for bottom location.
See Command Codes for Boot Block Lockout Enable for the specific code. Once this feature is set the
data for the designated block cannot be erased or programmed (programming lockout), other memory
locations can be changed by the regular programming method.
In order to detect whether the boot block feature is set on the first/last 8K-byte block or not, users can
perform software command sequence: enter the product identification mode (see Command Codes
for Identification/Boot Block Lockout Detection for specific code), and then read from address
0002(hex) for first(bottom) location or 1FFF2(hex) for last(top) location. If the DQ0/DQ1 of output
data is "1," the 8Kbytes boot block programming lockout feature will be activated; if the DQ0/DQ1 of
output data is "0," the lockout feature will be inactivated and the block can be erased/programmed.
To return to normal operation, perform a three-byte command sequence (or an alternate single-byte
command) to exit the identification mode. For the specific code, see Command Codes for
Identification/Boot Block Lockout Detection.
6.2.2
Write Pulse "Glitch" Protection
Noise pulses of less than 10 nS (typical) on #OE, #CE, or #WE will not initiate a write cycle.
6.2.3
Logical Inhibit
Writing is inhibited by holding any one of #OE = VIL, #CE = VIH, or #WE = VIH. To initiate a write cycle
#CE and #WE must be a logical zero while #OE is a logical one.
6.2.4
Power-up Write Inhibit
Power-up of the device with #WE = #CE = VIL and #OE = VIH will not accept commands on the rising
edge of #WE except 5mS delay (see the power up timing in AC Characteristics). The internal state
machine is automatically reset to the read mode on power-up.


Similar Part No. - W39L010P-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L020 WINBOND-W39L020 Datasheet
343Kb / 26P
   256K 횞 8 CMOS FLASH MEMORY
W39L020P-70 WINBOND-W39L020P-70 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L020P-70 WINBOND-W39L020P-70 Datasheet
343Kb / 26P
   256K 횞 8 CMOS FLASH MEMORY
W39L020P-70B WINBOND-W39L020P-70B Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L020P-70B WINBOND-W39L020P-70B Datasheet
343Kb / 26P
   256K 횞 8 CMOS FLASH MEMORY
More results

Similar Description - W39L010P-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Intel Corporation
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com