Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLQP0112JA-A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PLQP0112JA-A
Description  100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0112JA-A Datasheet(HTML) 4 Page - Renesas Technology Corp

  PLQP0112JA-A Datasheet HTML 1Page - Renesas Technology Corp PLQP0112JA-A Datasheet HTML 2Page - Renesas Technology Corp PLQP0112JA-A Datasheet HTML 3Page - Renesas Technology Corp PLQP0112JA-A Datasheet HTML 4Page - Renesas Technology Corp PLQP0112JA-A Datasheet HTML 5Page - Renesas Technology Corp PLQP0112JA-A Datasheet HTML 6Page - Renesas Technology Corp PLQP0112JA-A Datasheet HTML 7Page - Renesas Technology Corp PLQP0112JA-A Datasheet HTML 8Page - Renesas Technology Corp PLQP0112JA-A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 186 page
background image
R01DS0087EJ0220 Rev.2.20
Page 4 of 186
Mar 31, 2016
RX63T Group
1. Overview
I/O ports
General I/O ports
 144-pin LQFP
I/O pins: 81
Input pins: 29
Open-drain outputs: 27
 120-pin LQFP
I/O pins: 72
Input pin: 21
Open-drain outputs: 26
 112-pin LQFP
I/O pins: 69
Input pins: 21
Open-drain outputs: 20
 100-pin LQFP
I/O pins: 57
Input pins: 21
Open-drain outputs: 16
 64-pin LQFP
I/O pins: 39
Input pins: 9
Open-drain outputs: 10
5-V tolerance: 39
 48-pin LQFP
I/O pins: 25
Input pins: 7
Open-drain outputs: 8
5-V tolerance: 25
Timers
Multi-function timer
pulse unit 3 (MTU3)
 (16 bits × 8 channels)
 Maximum of 16 pulse-input/output and 3 pulse-input possible
 Select eight clocks from among ten count clocks (PCLKA/1, PCLKA/4, PCLKA/16,
PCLKA/64, PCLKA/256, PCLKA/1024, MTCLKA, MTCLKB, MTCLKC, and MTCLKD)
for each channel (seven clocks for channel 1, four clocks for channel 5, and six clocks
for channel 6 or 7)
 24 output compare/input capture registers
 Counter-clearing operation (simultaneous clearing on compare match or input capture)
 Simultaneous writing to multiple timer counters (TCNT)
 Simultaneous input and output to registers in synchronization with counter operations
 Buffer operation specifiable
 Capable of cascade-connected operation
 Interrupts: 38 sources
 Automatic transfer of register data
 Pulse output modes
Topple, PWM, complementary PWM, and reset-synchronous PWM modes
 Complementary PWM output mode
Outputs non-overlapping waveforms for controlling 3-phase inverters
Automatic specification of dead times
PWM duty cycle: Selectable as any value from 0% to 100%
Delay can be applied to requests for A/D conversion.
Non-generation of interrupt requests at peak or trough values of counters can be
selected.
Double buffering
 Reset-synchronous PWM mode
Three PWM waveforms and corresponding inverse waveforms are output with the
desired duty cycles.
 Phase-counting mode
 Counter functionality for dead-time compensation
 Generation of triggers for A/D converters
 Differential timing for initiation of A/D conversion
Port output enable 3
(POE3)
 Control of the high-impedance state of the MTU3 and GPT’s waveform output pins
 Six pins for input from signal sources: POE0, POE4, POE8, POE10, POE11, and
POE12
 Initiation on detection of short-circuited outputs (detection of PWM outputs having
simultaneously become an active level.)
 Initiation by comparator-detection, oscillation-stoppage detection, or software
 Software control of the states of pins for output control can also be added.
Table 1.1
Outline of Specifications (3/7)
Classification
Module/Function
Description


Similar Part No. - PLQP0112JA-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PLQP0100KB-A RENESAS-PLQP0100KB-A Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PLQP0100KB-A RENESAS-PLQP0100KB-A Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PLQP0100KB-B RENESAS-PLQP0100KB-B Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PLQP0100KB-B RENESAS-PLQP0100KB-B Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PLQP0100KB-B RENESAS-PLQP0100KB-B Datasheet
2Mb / 115P
   Microcontroller
More results

Similar Description - PLQP0112JA-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX72N RENESAS-RX72N Datasheet
2Mb / 179P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
Rev.1.11 Feb 26, 2021
RX66N RENESAS-RX66N Datasheet
1Mb / 175P
   120-MHz 32-bit RX MCU, on-chip double-precision FPU, 698 CoreMark
Feb 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com