Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W682310 Datasheet(PDF) 7 Page - Winbond

Part # W682310
Description  DUAL-CHANNEL VOICEBAND CODECS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W682310 Datasheet(HTML) 7 Page - Winbond

Back Button W682310 Datasheet HTML 3Page - Winbond W682310 Datasheet HTML 4Page - Winbond W682310 Datasheet HTML 5Page - Winbond W682310 Datasheet HTML 6Page - Winbond W682310 Datasheet HTML 7Page - Winbond W682310 Datasheet HTML 8Page - Winbond W682310 Datasheet HTML 9Page - Winbond W682310 Datasheet HTML 10Page - Winbond W682310 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
W682510/W682310
6. PIN DESCRIPTION
Pin
Name
Pin #
SSOP
PDIP
Pin #
SOP
Functionality
(CH1 = Channel 1, CH2 = Channel 2)
VREF
1
1
This pin is used to bypass the signal ground. It needs to be decoupled to VSS
through a 0.1
µF ceramic decoupling capacitor. No external loads should be
tied to this pin.
RO2
2
2
CH2 Non-Inverting output of the receive smoothing filter. This pin can typically
drive a 600
Ω load (W682510) or 1200 Ω load (W682310).
RO1
3
4
CH1 Non-Inverting output of the receive smoothing filter. This pin can typically
drive a 600
Ω load (W682510) or 1200 Ω load (W682310)..
PUI
4
5
Power up input signal. When this pin is HIGH (tied to VDD) the part is powered
up. When LOW (tied to VSS) the part is powered down.
PCMMS
5
6
PCM mode select input (serial or parallel data interface) HIGH = Parallel, LOW
= Serial
VDD
6
8
Power supply. This pin should be decoupled to VSS with a 0.1
µF ceramic
capacitor.
VSSD
7
9
This is the digital supply ground. This pin should be connected to 0V.
FSR
8
10
8 kHz Frame Sync input for the PCM receive section. It can also be connected
to the FST pin when transmit and receive are synchronous operations.
PCMR2
9
11
CH2 PCM input data receive pin. The data needs to be synchronous with the
FSR and BCLK pins.
PCMR1
10
12
CH1 PCM input data receive pin. The data needs to be synchronous with the
FSR and BCLK pins.
PCMT1
11
13
CH1 PCM output data transmit pin. The output data is synchronous with the
FST and BCLK pins.
PCMT2
12
14
CH2 PCM output data transmit pin. The output data is synchronous with the
FST and BCLK pins.
FST
13
15
8 kHz transmit frame sync input. This pin synchronizes the transmit data bytes.
BCLK
14
16
PCM transmit and receive bit clock input pin for CH1 and CH2 transmit.
VSSA
15
18
This is the analog supply ground. This pin should be connected to 0V.
μ/A-Law
16
19
Compander mode select pin.
µ-Law companding is selected when this pin is
LOW (tied to VSS.) A-Law companding is selected when pin is HIGH (tied to
VDD.)
AI1
17
21
CH1 Non-Inverting input of the first gain stage in the transmit path.
AO1-
18
22
CH1 Inverting analog output of the first gain stage in the transmit path.
AO2-
19
23
CH2 Inverting analog output of the first gain stage in the transmit path
AI2
20
24
CH2 Non-Inverting input of the first gain stage in the transmit path.
Publication Release Date: May 2003
- 7 -
Revision 0.35


Similar Part No. - W682310

ManufacturerPart #DatasheetDescription
logo
Winbond
W682310 WINBOND-W682310 Datasheet
389Kb / 35P
    DUAL-CHANNEL VOICEBAND CODECS
More results

Similar Description - W682310

ManufacturerPart #DatasheetDescription
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
    DUAL-CHANNEL VOICEBAND CODECS
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com