Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W39V040FAQ Datasheet(PDF) 7 Page - Winbond

Part # W39V040FAQ
Description  512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V040FAQ Datasheet(HTML) 7 Page - Winbond

Back Button W39V040FAQ Datasheet HTML 3Page - Winbond W39V040FAQ Datasheet HTML 4Page - Winbond W39V040FAQ Datasheet HTML 5Page - Winbond W39V040FAQ Datasheet HTML 6Page - Winbond W39V040FAQ Datasheet HTML 7Page - Winbond W39V040FAQ Datasheet HTML 8Page - Winbond W39V040FAQ Datasheet HTML 9Page - Winbond W39V040FAQ Datasheet HTML 10Page - Winbond W39V040FAQ Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
W39V040FA
Publication Release Date: December 19, 2002
- 7 -
Revision A2
Read Lock
Any attempt to read the data of read locked block will result in “00.” The default state of any block is
unlocked upon power up. User can clear or set the write lock bit anytime as long as the lock down bit
is not set.
Write Lock
This is the default state of blocks upon power up. Before any program or erase to the specified block,
user should clear the write lock bit first. User can clear or set the write lock bit anytime as long as the
lock down bit is not set. The write lock function is in conjunction with the hardware protect pins, #WP &
TBL. When hardware protect pins are enabled, it will override the register block locking functions and
write lock the blocks no matter how the status of the register bits. Reading the register bit will not
reflect the status of the #WP or #TBL pins.
Lock Down
The default state of lock down bit for any block is unlocked. This bit can be set only once; any further
attempt to set or clear is ignored. Only the reset from #RESET or #INIT can clear the lock down bit.
Once the lock down bit is set for a block, then the write lock bit & read lock bit of that block will not be
set or cleared, and keep its current state.
Product Identification Registers
In the FWH interface mode, a read from FFBC, 0000(hex) can output the manufacturer code,
DA(hex). A read from FFBC, 0001(hex) can output the device code 34(hex).
There is an alternative software method (six commands bytes) to read out the Product Identification in
both the Programmer interface mode and the FWH interface mode. Thus, the programming equipment
can automatically matches the device with its proper erase and programming algorithms.
In the software access mode, a six-byte (or JEDEC 3-byte) command sequence can be used to
access the product ID for programmer interface mode. A read from address 0000(hex) outputs the
manufacturer code, DA(hex). A read from address 0001(hex) outputs the device code, 34(hex).” The
product ID operation can be terminated by a three-byte command sequence or an alternate one-byte
command sequence (see Command Definition table for detail).
Table of Operating Mode
Operating Mode Selection - Programmer Mode
PINS
MODE
#OE
#WE
#RESET
ADDRESS
DQ.
Read
VIL
VIH
VIH
AIN
Dout
Write
VIH
VIL
VIH
AIN
Din
Standby
X
X
VIL
X
High Z
VIL
X
VIH
X
High Z/DOUT
Write Inhibit
X
VIH
VIH
X
High Z/DOUT
Output Disable
VIH
X
VIH
X
High Z


Similar Part No. - W39V040FAQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FBP WINBOND-W39V040FBP Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FBPZ WINBOND-W39V040FBPZ Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FBQ WINBOND-W39V040FBQ Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FBQZ WINBOND-W39V040FBQZ Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results

Similar Description - W39V040FAQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002FA WINBOND-W49V002FA Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W29C040 WINBOND-W29C040 Datasheet
261Kb / 20P
   512K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
Winbond
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
   1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
logo
ATMEL Corporation
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com