Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F523T5AGFD Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F523T5AGFD
Description  40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F523T5AGFD Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F523T5AGFD Datasheet HTML 1Page - Renesas Technology Corp R5F523T5AGFD Datasheet HTML 2Page - Renesas Technology Corp R5F523T5AGFD Datasheet HTML 3Page - Renesas Technology Corp R5F523T5AGFD Datasheet HTML 4Page - Renesas Technology Corp R5F523T5AGFD Datasheet HTML 5Page - Renesas Technology Corp R5F523T5AGFD Datasheet HTML 6Page - Renesas Technology Corp R5F523T5AGFD Datasheet HTML 7Page - Renesas Technology Corp R5F523T5AGFD Datasheet HTML 8Page - Renesas Technology Corp R5F523T5AGFD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Datasheet
R01DS0248EJ0110 Rev.1.10
Page 1 of 98
Jan 13, 2016
RX23T Group
Renesas MCUs
Features
■ 32-bit RX CPU core
 Max. operating frequency: 40 MHz
Capable of 65.6 DMIPS in operation at 40 MHz
 Enhanced DSP: 32-bit multiply-accumulate and 16-bit
multiply-subtract instructions supported
 Built-in FPU: 32-bit single-precision floating point
(compliant to IEEE754)
 Divider (fastest instruction execution takes two CPU clock
cycles)
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions, ultra-compact code
 On-chip debugging circuit
 Memory protection unit (MPU) supported
■ Low power design and architecture
 Operation from a single 2.7-V to 5.5-V supply
 Three low power consumption modes
■ On-chip code flash memory, no wait states
 128-/64-Kbyte capacities
 On-board or off-board user programming
■ On-chip SRAM, no wait states
 12 Kbytes of SRAM
■ DMA
 DTC: Four transfer modes
■ Reset and supply management
 Seven types of reset, including the power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 Main clock oscillator frequency: 1 to 20 MHz
 External clock input frequency: Up to 20 MHz
 PLL circuit input: 4 MHz to 12.5 MHz
 On-chip low-speed oscillator, on-chip high-speed
oscillator, dedicated on-chip oscillator for the IWDT
 Clock frequency accuracy measurement circuit (CAC)
■ Independent watchdog timer
 15-kHz on-chip oscillator produces a dedicated clock
signal to drive IWDT operation.
■ Useful functions for IEC60730 compliance
 Self-diagnostic and disconnection-detection assistance
functions for the A/D converter, clock frequency accuracy
measurement circuit, independent watchdog timer, RAM
test assistance functions using the DOC, etc.
■ MPC
 Multiple locations are selectable for I/O pins of peripheral
functions
■ Up to 4 communications channels
 SCI with many useful functions (2 channels)
Asynchronous mode, clock synchronous mode, smart card
interface mode, simplified SPI, simplified I2C, and
extended serial mode.
 I2C bus interface: Transfer at up to 400 kbps (one channel)
 RSPI capable of high speed connection (one channel)
■ Up to 12 extended-function timers
 16-bit MTU3: 40MHz operation, input capture, output
compare, three-phase complementary PWM output, CPU-
efficient complementary PWM, phase counting mode (six
channels)
 8-bit TMRs (4 channels),
 16-bit compare-match timers (4 channels)
■ 12-bit A/D converter: 10ch
 On-chip sample-and-hold circuit: 12bit × up to 3 channels
 Sampling time can be set for each channel
 Self-diagnostic function and analog input disconnection
detection assistance function (compliant to IEC60730)
 ADC: three sample-and-hold circuits, double data
registers, comparator (3 channels)
■ Register write protection function can protect
values in important registers against
overwriting.
■ Up to 50 pins for general I/O ports
 5-V tolerant, open drain, input pull-up
■ Operating temperature range
40 to +85C
40 to +105C
■ Applications
 General industrial and consumer equipment
PLQP0064KB-C 10 × 10 mm, 0.5 mm pitch
PLQP0052JA-B
10 × 10 mm, 0.65 mm pitch
PLQP0048KB-B 7 × 7 mm, 0.5 mm pitch
40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS,
12-bit ADC (equipped with three S/H circuits, double data registers, and comparator)
40MHz PWM (three-phase complementary output × 2ch)
R01DS0248EJ0110
Rev.1.10
Jan 13, 2016


Similar Part No. - R5F523T5AGFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52305ADFL RENESAS-R5F52305ADFL Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52305ADFL RENESAS-R5F52305ADFL Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
R5F52305ADFL#30 RENESAS-R5F52305ADFL#30 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52305ADFL30 RENESAS-R5F52305ADFL30 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,
Sep 28, 2018
R5F52305ADFM RENESAS-R5F52305ADFM Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results

Similar Description - R5F523T5AGFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com