Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX64M Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RX64M
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
Download  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX64M Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RX64M_16 Datasheet HTML 7Page - Renesas Technology Corp RX64M_16 Datasheet HTML 8Page - Renesas Technology Corp RX64M_16 Datasheet HTML 9Page - Renesas Technology Corp RX64M_16 Datasheet HTML 10Page - Renesas Technology Corp RX64M_16 Datasheet HTML 11Page - Renesas Technology Corp RX64M_16 Datasheet HTML 12Page - Renesas Technology Corp RX64M_16 Datasheet HTML 13Page - Renesas Technology Corp RX64M_16 Datasheet HTML 14Page - Renesas Technology Corp RX64M_16 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 228 page
background image
RX64M Group
1. Overview
R01DS0173EJ0110 Rev.1.10
Page 11 of 228
Oct 24, 2016
Table 1.2
Comparison of Functions for Different Packages (1/2)
Functions
RX64M Group
Package
177 Pins, 176 Pins
145 Pins, 144 Pins
100 Pins
External bus
External bus width
32 bits
16 bits
SDRAM area controller
Available
Not supported
DMA
DMA controller
Ch. 0 to 7
Data transfer controller
Available
EXDMA controller
Ch. 0 and 1
Timers
16-bit timer pulse unit
Ch. 0 to 5
Multi-function timer pulse unit 3
Ch. 0 to 8
General-purpose PWM timer
Ch. 0 to 3
Port output enable 3
Available
Programmable pulse generator
Ch. 0 and 1
8-bit timers
Ch. 0 to 3
Compare match timer
Ch. 0 to 3
Compare match timer W
Ch. 0 and 1
Realtime clock
Available
Watchdog timer
Available
Independent watchdog timer
Available
Communication
function
Ethernet controller
Ch. 0 and 1
Ch. 0
PTP controller for ethernet controller
Available
DMAC controller for ethernet
Ch. 0 and 1 (ETHERC)
Ch. 2 (EPTPC)
Ch. 0 (ETHERC) and 2 (EPTPC)
USB 2.0 FS host/function module
Ch. 0
USB 2.0 FS host/function module with battery
charging
Available
Not supported
Serial communications interfaces (SCIg)
Ch. 0 to 7
Ch. 0 to 3, 5 and 6
Serial communications interfaces (SCIh)
Ch. 12
Serial communications interfaces with FIFO
Ch. 8 to 11
Ch. 8 and 9
I2C bus interfaces
Ch. 0 and 2
Serial peripheral interface
Ch. 0
CAN module
Ch. 0 to 2
Ch. 0 and 1
Quad serial peripheral interface
Ch. 0
Serial sound interfaces
Ch. 0 and 1
Sampling rate converter
Available
SD host interface
Ch. 0
MMC host interface
Ch. 0
Parallel data capture unit
Available
Not supported
12-bit A/D converter
AN000 to 007 (unit 0: 8 channels)
AN100 to 120 (unit 1: 21 channels)
AN000 to 007
(unit 0: 8 channels)
AN100 to 113
(unit 1: 14
channels)
12-bit D/A converter
Ch. 0 and 1
Ch. 1
Temperature sensor
Available
CRC calculator
Available
Data operation circuit
Available
Clock frequency accuracy measurement circuit
Available
AES
Available


Similar Part No. - RX64M_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX64M RENESAS-RX64M_15 Datasheet
1Mb / 230P
   Renesas MCUs
More results

Similar Description - RX64M_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
   54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
   240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com