Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F6418LADFD Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F6418LADFD
Description  R32C/100 Series CPU Core
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6418LADFD Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F6418LADFD Datasheet HTML 2Page - Renesas Technology Corp R5F6418LADFD Datasheet HTML 3Page - Renesas Technology Corp R5F6418LADFD Datasheet HTML 4Page - Renesas Technology Corp R5F6418LADFD Datasheet HTML 5Page - Renesas Technology Corp R5F6418LADFD Datasheet HTML 6Page - Renesas Technology Corp R5F6418LADFD Datasheet HTML 7Page - Renesas Technology Corp R5F6418LADFD Datasheet HTML 8Page - Renesas Technology Corp R5F6418LADFD Datasheet HTML 9Page - Renesas Technology Corp R5F6418LADFD Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 132 page
background image
R01DS0068EJ0120 Rev.1.20
Page 6 of 127
Dec 10, 2014
R32C/118A Group
1. Overview
1.2
Product Information
Table 1.5 lists the product information and Figure 1.1 shows the details of the part number.
Notes:
1.
The old package codes are as follows:
PLQP0144KA-A: 144P6Q-A, PLQP0176KB-A: 176P6Q-A
2.
“+ 8 Kbytes” in the ROM capacity column indicates the data flash capacity.
Table 1.5
R32C/118A Group Product List
As of December, 2014
Part Number
Package Code (1)
ROM Capacity (2)
RAM Capacity
Remarks
R5F6418JADFE
PLQP0176KB-A
512 Kbytes
+ 8 Kbytes
96 Kbytes
-40°C to 85°C (D version)
R5F6418JAPFE
-40°C to 85°C (P version)
R5F6418JADFD
PLQP0144KA-A
-40°C to 85°C (D version)
R5F6418JAPFD
-40°C to 85°C (P version)
R5F6418KADFE
PLQP0176KB-A
640 Kbytes
+ 8 Kbytes
96 Kbytes
-40°C to 85°C (D version)
R5F6418KAPFE
-40°C to 85°C (P version)
R5F6418KADFD
PLQP0144KA-A
-40°C to 85°C (D version)
R5F6418KAPFD
-40°C to 85°C (P version)
R5F6418LADFE
PLQP0176KB-A
768 Kbytes
+ 8 Kbytes
96 Kbytes
-40°C to 85°C (D version)
R5F6418LAPFE
-40°C to 85°C (P version)
R5F6418LADFD
PLQP0144KA-A
-40°C to 85°C (D version)
R5F6418LAPFD
-40°C to 85°C (P version)
R5F6418MADFE
PLQP0176KB-A
1 Mbyte
+ 8 Kbytes
96 Kbytes
-40°C to 85°C (D version)
R5F6418MAPFE
-40°C to 85°C (P version)
R5F6418MADFD
PLQP0144KA-A
-40°C to 85°C (D version)
R5F6418MAPFD
-40°C to 85°C (P version)


Similar Part No. - R5F6418LADFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F6418LADFD RENESAS-R5F6418LADFD Datasheet
939Kb / 130P
   RENESAS MCU
R5F6418LADFD RENESAS-R5F6418LADFD Datasheet
936Kb / 131P
   RENESAS MCU
More results

Similar Description - R5F6418LADFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R32C-116A RENESAS-R32C-116A Datasheet
819Kb / 104P
   R32C/100 Series CPU Core
R32C-117A RENESAS-R32C-117A Datasheet
880Kb / 118P
   R32C/100 Series CPU Core
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
   F2MC-8FX CPU core
logo
Renesas Technology Corp
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
logo
NXP Semiconductors
68HC705JB2 NXP-68HC705JB2 Datasheet
1Mb / 128P
   Industry standard M68HC05 CPU core
REV 1.1
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
logo
Cypress Semiconductor
S6J3110 CYPRESS-S6J3110 Datasheet
359Kb / 4P
   32bit ARMR CortexR-R5 CPU Core
logo
AAEON Technology
AEC-6646 AAEON-AEC-6646 Datasheet
394Kb / 2P
   Intel짰 Core??i Desktop LGA1155 Socket CPU Support(Maximum 65W CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com