Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMLV1616AGSA-5S2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RMLV1616AGSA-5S2
Description  16Mb Advanced LPSRAM (1M word16bit / 2M word x 8bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMLV1616AGSA-5S2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RMLV1616AGSA-5S2 Datasheet HTML 1Page - Renesas Technology Corp RMLV1616AGSA-5S2 Datasheet HTML 2Page - Renesas Technology Corp RMLV1616AGSA-5S2 Datasheet HTML 3Page - Renesas Technology Corp RMLV1616AGSA-5S2 Datasheet HTML 4Page - Renesas Technology Corp RMLV1616AGSA-5S2 Datasheet HTML 5Page - Renesas Technology Corp RMLV1616AGSA-5S2 Datasheet HTML 6Page - Renesas Technology Corp RMLV1616AGSA-5S2 Datasheet HTML 7Page - Renesas Technology Corp RMLV1616AGSA-5S2 Datasheet HTML 8Page - Renesas Technology Corp RMLV1616AGSA-5S2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RMLV1616A Series
R10DS0258EJ0100 Rev.1.00
Page 2 of 14
2016.01.06
Pin Arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
A15
A14
A13
A12
A11
A10
A9
A8
A19
CS1#
WE#
NC
NC
Vcc
CS2
NC
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE#
UB#
Vss
LB#
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
NC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
Vss
NC
A0
52pin
TSOP (II)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
A19
NC
WE#
CS2
NC
UB#
LB#
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE#
Vss
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
Vcc
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
Vss
CS1#
A0
48pin TSOP (I)
LB#
DQ15
DQ13
Vss
Vcc
DQ10
DQ8
A18
A
B
C
D
E
F
G
H
1
2
3
4
5
6
OE#
UB#
DQ14
DQ12
DQ11
DQ9
A19
A8
A0
A3
A5
A17
NC
A14
A12
A9
A1
A4
A6
A7
A16
A15
A13
A10
A2
CS1#
DQ1
DQ3
DQ4
DQ6
WE#
A11
CS2
DQ0
DQ2
Vcc
Vss
DQ5
DQ7
NC
48-ball FBGA (TOP VIEW)


Similar Part No. - RMLV1616AGSA-5S2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
More results

Similar Description - RMLV1616AGSA-5S2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
   32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
R1LV0816ASD-5SI RENESAS-R1LV0816ASD-5SI Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV3216R RENESAS-R1LV3216R Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV0816ASA-5SI RENESAS-R1LV0816ASA-5SI Datasheet
261Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASA RENESAS-R1LV0816ASA Datasheet
261Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com