Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F6416KADFE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F6416KADFE
Description  R32C/100 Series CPU Core
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6416KADFE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F6416KADFE Datasheet HTML 4Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 5Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 6Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 7Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 8Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 9Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 10Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 11Page - Renesas Technology Corp R5F6416KADFE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
R01DS0066EJ0120 Rev.1.20
Page 8 of 99
Dec 10, 2014
R32C/116A Group
1. Overview
1.3
Block Diagram
Figure 1.2 shows a block diagram of the R32C/116A Group.
Figure 1.2
R32C/116A Group Block Diagram
Port P0
Port P1
Port P2
Port P3
Port P4
Port P5
Port P6
8
8
8
8
8
8
8
Peripherals
Port P15
Port P16
Port P13
Port P14
P14_1
8
8
8
5
Port P17
8
Port P18
8
Port P19
8
Clock generator:
4 circuits
- XIN-XOUT
- XCIN-XCOUT
- On-chip oscillator
- PLL frequency synthesizer
Watchdog timer:
15 bits
DMAC
DMAC II
X-Y converter:
16 bits × 16 bits
CRC calculator (CCITT)
X16 + X12 + X5 + 1
Serial interface:
11 channels
Timer:
Timer A 16 bits × 5 timers
Timer B 16 bits × 6 timers
Three-phase motor
controller
D/A converter:
8 bits × 2 channels
A/D converter:
10 bits × 1 circuit
Standard: 10 inputs
Maximum: 34 inputs
Intelligent I/O
Time Measurement: 16
Wave generation: 24
Serial interface:
- Variable-length
synchronous serial I/O
- IEBus
R32C/100 Series CPU Core
R2R0
R3R1
R6R4
R7R5
A0
A1
A2
A3
FB
SB
FLG
INTB
ISP
USP
PC
SVF
SVP
VCT
Memory
ROM
RAM
Multiplier
Floating-point unit
R2R0
R3R1
R6R4
R7R5
A0
A1
A2
A3
FB
SB
Port P7
8
Multi-master I2C-bus
interface:
1 channel
(Note 1)
Note:
1. Ports P16 to P19 are available in the 176-pin package only.


Similar Part No. - R5F6416KADFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F6416KADFE RENESAS-R5F6416KADFE Datasheet
819Kb / 102P
   RENESAS MCU
R5F6416KADFE RENESAS-R5F6416KADFE Datasheet
815Kb / 103P
   RENESAS MCU
More results

Similar Description - R5F6416KADFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R32C-118A RENESAS-R32C-118A Datasheet
940Kb / 132P
   R32C/100 Series CPU Core
R32C-117A RENESAS-R32C-117A Datasheet
880Kb / 118P
   R32C/100 Series CPU Core
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
   F2MC-8FX CPU core
logo
Renesas Technology Corp
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
logo
NXP Semiconductors
68HC705JB2 NXP-68HC705JB2 Datasheet
1Mb / 128P
   Industry standard M68HC05 CPU core
REV 1.1
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
logo
Cypress Semiconductor
S6J3110 CYPRESS-S6J3110 Datasheet
359Kb / 4P
   32bit ARMR CortexR-R5 CPU Core
logo
AAEON Technology
AEC-6646 AAEON-AEC-6646 Datasheet
394Kb / 2P
   Intel짰 Core??i Desktop LGA1155 Socket CPU Support(Maximum 65W CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com