Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC5696PN Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC5696PN
Description  27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5696PN Datasheet(HTML) 5 Page - Texas Instruments

  UCC5696PN Datasheet HTML 1Page - Texas Instruments UCC5696PN Datasheet HTML 2Page - Texas Instruments UCC5696PN Datasheet HTML 3Page - Texas Instruments UCC5696PN Datasheet HTML 4Page - Texas Instruments UCC5696PN Datasheet HTML 5Page - Texas Instruments UCC5696PN Datasheet HTML 6Page - Texas Instruments UCC5696PN Datasheet HTML 7Page - Texas Instruments UCC5696PN Datasheet HTML 8Page - Texas Instruments UCC5696PN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UCC5696
SLVS406B – JUNE 2002 – REVISED JUNE 2003
5
www.ti.com
Terminal Functions
TERMINAL
FUNCTION
NAME
NO.
I/O
FUNCTION
DIFSENS
15
O
The SCSI bus DIFF SENSE line detects what types of devices are connected to the SCSI bus.
DISCNT
52
I
The disconnect pin shuts down the terminator when it is not at the end of the bus. The disconnect pin low en-
ables the terminator.
DIFFB
16
I
Senses the bus mode, a 50-Hz filter is required, 0.1
µF to ground and 20 kΩ to the SCSI bus DIFF SENSE line
with internal SPI-3 100-ms to 310-ms delay.
HVD
14
O
A high-voltage differential voltage level has been detected on the DIFF B pin. HVD pin high indicates that the
terminator is in high impedance mode.
ICBD
50
I/O
I2C bus data. Serial control for impedance and bias current adjustments.
ICBC
51
I
I2C bus clock.
ICAD0–6
I
I2C address.
Line n–
O
Negative line for differential applications of the SCSI bus.
Line n+
O
Positive line for differential applications of the SCSI bus.
LVD
13
O
A low-voltage differential voltage level has been detected on the DIFF B pin. LVD pin high indicates that the ter-
minator is in LVD mode.
PVDD
8
I
Power supply for the regulator. PVDD should be tied to TERMPWR pin.
REG
10
O
Regulator bypass pin must be bypassed to ground with a 4.7-
µF low ESR capacitor.
SE
12
O
A single ended voltage level has been detected on the DIFF B pin. SE pin high indicates that the terminator is in
high impedance mode.
TERMPWR
7
I
VIN 2.7-V to 5.25-V supply. TERMPWR should be bypassed to ground with a 4.7-µF low ESR capacitor.


Similar Part No. - UCC5696PN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5606 TI-UCC5606 Datasheet
383Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
UCC5606 TI1-UCC5606 Datasheet
1Mb / 14P
[Old version datasheet]   9-LINE TO 5 VOLT SCSI ACTIVE TERMINATOR, REVERSE DISCONNECT
UCC5606DP TI1-UCC5606DP Datasheet
1Mb / 14P
[Old version datasheet]   9-LINE TO 5 VOLT SCSI ACTIVE TERMINATOR, REVERSE DISCONNECT
UCC5606DPTR TI1-UCC5606DPTR Datasheet
1Mb / 14P
[Old version datasheet]   9-LINE TO 5 VOLT SCSI ACTIVE TERMINATOR, REVERSE DISCONNECT
UCC5606DPTRG4 TI1-UCC5606DPTRG4 Datasheet
1Mb / 14P
[Old version datasheet]   9-LINE TO 5 VOLT SCSI ACTIVE TERMINATOR, REVERSE DISCONNECT
More results

Similar Description - UCC5696PN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5680 TI1-UCC5680_15 Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
UCC5680 TI-UCC5680 Datasheet
277Kb / 6P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR WITH INTEGRATED SPI-3 DELAY
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
logo
Maxim Integrated Produc...
DS2129 MAXIM-DS2129 Datasheet
195Kb / 5P
   LVD SCSI 27-Line Regulator
Rev 1; 2/06
logo
Dallas Semiconductor
DS2129 DALLAS-DS2129 Datasheet
158Kb / 5P
   LVD SCSI 27-Line Regulator
logo
Texas Instruments
UCC5642 TI1-UCC5642 Datasheet
502Kb / 12P
[Old version datasheet]   LVD-ONLY SCSI TERMINATOR WITH REGULATOR AND SPI-3 DELAY
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
   9-Line LVD SCSI Terminator
logo
Texas Instruments
UCC5620 TI-UCC5620 Datasheet
65Kb / 4P
[Old version datasheet]   27-Line SCSI Terminator
UCC5620 TI1-UCC5620_09 Datasheet
392Kb / 9P
[Old version datasheet]   27-Line SCSI Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com