Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSEV83102G0BGL Datasheet(PDF) 11 Page - ATMEL Corporation

Part # TSEV83102G0BGL
Description  10-bit 2 Gsps ADC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSEV83102G0BGL Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button TSEV83102G0BGL Datasheet HTML 7Page - ATMEL Corporation TSEV83102G0BGL Datasheet HTML 8Page - ATMEL Corporation TSEV83102G0BGL Datasheet HTML 9Page - ATMEL Corporation TSEV83102G0BGL Datasheet HTML 10Page - ATMEL Corporation TSEV83102G0BGL Datasheet HTML 11Page - ATMEL Corporation TSEV83102G0BGL Datasheet HTML 12Page - ATMEL Corporation TSEV83102G0BGL Datasheet HTML 13Page - ATMEL Corporation TSEV83102G0BGL Datasheet HTML 14Page - ATMEL Corporation TSEV83102G0BGL Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
11
TS83102G0B
2101D–BDC–06/04
Notes:
1. Unless otherwise specified
2. Refer to “Ordering Information” on page 55.
Only minimum and maximum values are guaranteed (typical values are issued from characterization results).
Table 1. Explanation of Test Levels
Level
Explanation
1
100% production tested at 25°C (1) (for "C" temperature range) (2)
2
100% production tested at 25°C (1) and sample tested at specified temperatures (for "V" temperature ranges (2))
3
Sample tested only at specified temperatures
4
Parameter is guaranteed by design and characterization testing (thermal steady-state conditions at specified
temperature)
5
Parameter is a typical value guaranteed by design only
6
100% production tested over specified temperature range (for "B/Q" temperature range (2))


Similar Part No. - TSEV83102G0BGL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSEV8308500GL ATMEL-TSEV8308500GL Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
TSEV8308500GLZA2 ATMEL-TSEV8308500GLZA2 Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
TSEV8388BF ATMEL-TSEV8388BF Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
TSEV8388BFZA2 ATMEL-TSEV8388BFZA2 Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
TSEV8388BGL ATMEL-TSEV8388BGL Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
More results

Similar Description - TSEV83102G0BGL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000 Datasheet
2Mb / 62P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS ADC
logo
ATMEL Corporation
TS8388B ATMEL-TS8388B Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
Texas Instruments
ADC10D1000 TI1-ADC10D1000 Datasheet
1Mb / 82P
[Old version datasheet]   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000_10 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000_09 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com