Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T598B476M006ATE070 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T598B476M006ATE070
Description  T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T598B476M006ATE070 Datasheet(HTML) 5 Page - Kemet Corporation

  T598B476M006ATE070 Datasheet HTML 1Page - Kemet Corporation T598B476M006ATE070 Datasheet HTML 2Page - Kemet Corporation T598B476M006ATE070 Datasheet HTML 3Page - Kemet Corporation T598B476M006ATE070 Datasheet HTML 4Page - Kemet Corporation T598B476M006ATE070 Datasheet HTML 5Page - Kemet Corporation T598B476M006ATE070 Datasheet HTML 6Page - Kemet Corporation T598B476M006ATE070 Datasheet HTML 7Page - Kemet Corporation T598B476M006ATE070 Datasheet HTML 8Page - Kemet Corporation T598B476M006ATE070 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2073_T591_T598 • 6/5/2017
55
KEMET Organic Capacitor (KO-CAP®) – Automotive Grade
T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 – 50 VDC
Dimensions – Millimeters (Inches)
Metricwillgovern
H
X
T
B
B
F
A
L
R
P
SIDE VIEW
ANODE (+) END VIEW
BOTTOM VIEW
CATHODE (-) END VIEW
W
S
S
Termination cutout
at KEMET's option,
either end
Glue pad
shape/design at
KEMET's option
Case Size
Component Dimensions
Total
Weight
KEMET
EIA
L
W
H
F ±0.1
±(0.004)
S ±0.3
±(0.012)
B ±0.15
(Ref)±0.006
X
(Ref)
P
(Ref)
R
(Ref)
T
(Ref)
A
(Minimum)
(mg)
B
3528–21
3.5±0.2
(0.138±0.008)
2.8±0.2
(0.110±0.008)
1.9±0.2
(0.075±0.008)
2.2
(0.087)
0.8
(0.031)
0.4 (0.016)
0.10±0.10
(0.004±0.004)
0.5
(0.020)
1.0
(0.039)
0.13
(0.005)
1.1
(0.043)
95
D
7343–31
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
2.8±0.3
(0.110±0.012)
2.4
(0.094)
1.3
(0.051)
0.5 (0.020)
0.10±0.10
(0.004±0.004)
0.9
(0.035)
1.0
(0.039)
0.13
(0.005)
3.8
(0.150)
435
V
7343-20
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
1.9±0.1
(0.075±0.004)
2.4
(0.094)
1.3
(0.051)
N/A
0.05
(0.002)
N/A
0.13
(0.005)
3.8
(0.150)
3.8
(0.150)
274
X
7343-43
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
4.0±0.3
(0.157±0.012)
2.4
(0.094)
1.3
(0.051)
0.5 (0.020)
0.10±0.10
(0.004±0.004)
1.7
(0.067)
0.13
(0.005)
3.6
(0.142)
3.8
(0.150)
554
Notes: (Ref) – Dimensions provided for reference only. For low profile cases, no dimensions are provided for B, P or R because these cases do not have a
bevel or a notch.
These weights are provided as reference. If exact weights are needed, please contact your KEMET Sales Representative


Similar Part No. - T598B476M006ATE070

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T598B476M010AHS070 KEMET-T598B476M010AHS070 Datasheet
71Kb / 1P
   T598, Tantalum, Polymer Tantalum, 47 uF, 20%, 10 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height Max = 2.1mm
T598B476M010ATE070 KEMET-T598B476M010ATE070 Datasheet
456Kb / 4P
   T598, Tantalum, Polymer Tantalum, 47 uF, 20%, 10 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height Max = 2mm
More results

Similar Description - T598B476M006ATE070

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T59XD107M010ATE025 KEMET-T59XD107M010ATE025 Datasheet
1Mb / 18P
   T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
T530X337M010ATE005 KEMET-T530X337M010ATE005 Datasheet
1Mb / 17P
   T530 High Capacitance Low ESR Polymer Electrolytic 125째C, 2.5 ??16 VDC
T540D107M10AH6510 KEMET-T540D107M10AH6510 Datasheet
1Mb / 19P
   T540 COTS Polymer Electrolytic for High Reliability Applications, 2.5 ??63 VDC
T541D157M10AH6510 KEMET-T541D157M10AH6510 Datasheet
1Mb / 23P
   T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 - 63 VDC
logo
TDK Electronics
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1E224K125AA TDK-CGA4J2X8R1E224K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1H104K125AA TDK-CGA4J2X8R1H104K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5H2NP01H473J115AA TDK-CGA5H2NP01H473J115AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA6N3NP02E333J230AA TDK-CGA6N3NP02E333J230AA Datasheet
238Kb / 1P
   Automotive Grade ( High Temperature Application ) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com