Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C062H272J1G5GA7303 Datasheet(PDF) 8 Page - Kemet Corporation

Part # C062H272J1G5GA7303
Description  Radial Through-Hole Multilayer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C062H272J1G5GA7303 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C062H272J1G5GA7303 Datasheet HTML 4Page - Kemet Corporation C062H272J1G5GA7303 Datasheet HTML 5Page - Kemet Corporation C062H272J1G5GA7303 Datasheet HTML 6Page - Kemet Corporation C062H272J1G5GA7303 Datasheet HTML 7Page - Kemet Corporation C062H272J1G5GA7303 Datasheet HTML 8Page - Kemet Corporation C062H272J1G5GA7303 Datasheet HTML 9Page - Kemet Corporation C062H272J1G5GA7303 Datasheet HTML 10Page - Kemet Corporation C062H272J1G5GA7303 Datasheet HTML 11Page - Kemet Corporation C062H272J1G5GA7303 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1073_HT_C0G_RADIAL_MOLDED • 9/25/2015
8
Radial Through-Hole Multilayer Ceramic Capacitors
High Temperature 200°C, Radial, Molded, C0G Dielectric, 50 – 200 VDC (Industrial Grade)
Table 2 – Performance & Reliability: Test Methods and Conditions
Stress
Reference
Test or Inspection Method
Solderability
J–STD–002
Method A at 235°C, category 3
Temperature Cycling
JESD22 Method JA–104
50 cycles (-55°C to 220°C), measurement at 24 ±4 hours after test conclusion. 30 minutes
maximum dwell time at each temperature extreme. 8 minutes maximum transition time.
Biased Humidity
MIL–STD–202 Method 103
Load humidity: 1,000 hours 85°C/85% RH and rated voltage. Add 100 K ohm resistor. Measurement
at 24 hours ±4 hours after test conclusion.
Low volt humidity: 1,000 hours 85°C/85% RH and 1.5 V. Add 100 K ohm resistor.
Measurement at 24 hours ±4 hours after test conclusion.
Immersion
MIL–STD–202 Method 104 Test condition B
Storage Life
MIL–STD–202 Method 108 Unpowered 1,000 hours at 200°C. Measurement at 24 hours ±4 hours after test conclusion.
IR Measurement at 150°C
High Temperature Life
MIL–STD–202 Method 108 1,000 hours at 200°C with rated voltage applied.
High Temperature
Lead Pull
KEMET Defined Test
Peel to Failure (25ºC and 200ºC): 4 lbs (1.84 kg) minimum
Vibration
MIL–STD–202 Method 204
5g for 20 minutes, 12 cycles each of 3 orientations. Note: Use 8" X 5" PCB. 031" thick 7 secure
points on one long side and 2 secure points at corners of opposite sides. Parts mounted within 2"
from any secure point. Test from 10 – 2000 Hz.
Resistance to Soldering
Heat
MIL–STD–202 Method 210 Test Condition B, Solder dip. Note: no preheat of samples.
Terminal Strength
MIL–STD–202 Method 211 Test Condition A. 454g 5 – 10 s; Bend test © 227g, 3 bends
Mechanical Shock
MIL–STD–202 Method 213 Test Condition D. Figure 1 of Method 213.
Resistance to Solvents MIL–STD–202 Method 215 Add aqueous wash chemical – OKEM Clean or equivalent.
Storage & Handling
The un-mounted storage life of a through-hole (leaded) ceramic capacitor is dependent upon storage and atmospheric conditions
as well as packaging materials. While the ceramic chips enveloped under the epoxy coating themselves are quite robust in most
environments, solderability of the wire lead on the final epoxy-coated product will be degraded by exposure to high temperatures, high
humidity, corrosive atmospheres, and long term storage. In addition, packaging materials will be degraded by high temperature and
exposure to direct sunlight – reels may soften or warp, and tape peel force may increase. KEMET recommends storing the un-mounted
capacitors in their original packaging, in a location away from direct sunlight, and where the temperature and relative humidity do not
exceed 40 degrees centigrade and 70% respectively. For optimum solderability, capacitor stock should be used promptly, preferably
within 18 months of receipt. For applications requiring pre-tinning of components, storage life may be extended if solderability is
verified. Before cleaning, bonding or molding these devices, it is important to verify that your process does not affect product quality
and performance. KEMET recommends testing and evaluating the performance of a cleaned, bonded or molded product prior to
implementing and/or qualifying any of these processes.


Similar Part No. - C062H272J1G5GA7303

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C062H105J1R5GA7061 KEMET-C062H105J1R5GA7061 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
C062H105J1R5GA7301 KEMET-C062H105J1R5GA7301 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
C062H105J1R5GA7303 KEMET-C062H105J1R5GA7303 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
C062H105J1R5GAT1K0 KEMET-C062H105J1R5GAT1K0 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
C062H105J1R5GAT250 KEMET-C062H105J1R5GAT250 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
More results

Similar Description - C062H272J1G5GA7303

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C062H105K5R5GA7303 KEMET-C062H105K5R5GA7303 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
logo
Kingtronics Internation...
MKT KINGTRONICS-MKT Datasheet
352Kb / 3P
   Radial Multilayer Ceramic Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
Kemet Corporation
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
United Chemi-Con, Inc.
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com