Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT49CA1 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT49CA1
Description  Remote Type 8-Bit MCU with LCD
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CA1 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT49CA1 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49CA1 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49CA1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49CA1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49CA1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49CA1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49CA1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CA1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CA1 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
HT49RA1/HT49CA1
Remote Type 8-Bit MCU with LCD
Rev. 1.10
1
March 30, 2014
General Description
The HT49RA1/HT49CA1 is a Remote Type 8-bit MCU
8-bit
high
performance
RISC
architecture
microcontroller. With its internal carrier generator and
LCD Driver functions the device is is especially suitable
for multiple I/O remote control product applications. The
usual Holtek MCU features such as power down and
wake-up functions, oscillator options, etc. combine to
ensure user applications require a minimum of external
components.
The benefits of low power consumption, high perfor-
mance, I/O flexibility and low-cost, provide these de-
vices with the versatility to suit a wide range of
application possibilities such as industrial control, con-
sumer products and particularly suitable for use in prod-
ucts such as infrared LCD remote controllers and
various, subsystem controllers, etc.
Features
· Operating voltage: 2.0V~3.6V
· 12 bidirectional I/O lines, 8 input lines,
8 segment output, PC0 (input/output)/REM
· Two external interrupt inputs shared with an I/O line
· 8-bit programmable Timer/Event Counter with
overflow interrupt function
· Single 16-bit programmable timer/event counter
with overflow interrupt function
· RC oscillator and 32768Hz crystal oscillator
· LCD driver with 33´2, 33´3or32´4 segments
(C type only), 8 logical output option for
SEG12~SEG19 and 4 I/O port option for
SEG0~SEG3 by changing LCDC register
· 4096´15 program memory
· 160´8 data memory
· Real Time Clock - RTC
· 8-bit prescaler for RTC
· One carrier output (1/2or1/3 duty)
· Software LCD, RTC control
· Watchdog Timer function
· Power down and wake-up functions to reduce
power consumption
· Up to 1ms instruction cycle with 4MHz system clock
· 4-level subroutine nesting
· Bit manipulation instruction
· Table read instructions
· 63 powerful instructions
· All instructions executed in one or two machine
cycles
· Low voltage reset/detector function
· 64-pin LQFP package
Device Types
Devices which have the letter
²R² within their part number,
indicate that they are OTP devices offering the advan-
tages of easy and effective program updates, using the
Holtek range of development and programming tools.
These devices provide the designer with the means for
fast and low-cost product development cycles. Devices
which have the letter
²C² within their part number indicate
that they are mask version devices. These devices offer a
complementary device for applications that are at a ma-
ture state in their design process and have high volume
and low cost demands.
Fully pin and functionally compatible with their OTP
sister devices, the mask version devices provide the
ideal substitute for products which have gone beyond
their development cycle and are facing cost-down de-
mands.
In this datasheet, for convenience, when describing
device functions, only the OTP types are mentioned
by name, however the same described functions also
apply to the Mask type devices.


Similar Part No. - HT49CA1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49CA1 HOLTEK-HT49CA1 Datasheet
464Kb / 58P
   Remote Type 8-Bit MCU with LCD
More results

Similar Description - HT49CA1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49RA0-6 HOLTEK-HT49RA0-6 Datasheet
329Kb / 49P
   Remote Type 8-Bit MCU with LCD
HT49RA1 HOLTEK-HT49RA1 Datasheet
464Kb / 58P
   Remote Type 8-Bit MCU with LCD
HT49RA0 HOLTEK-HT49RA0_14 Datasheet
352Kb / 40P
   Remote Type 8-Bit MCU with LCD
HT49RA0 HOLTEK-HT49RA0 Datasheet
294Kb / 39P
   Remote Type 8-Bit MCU with LCD
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com