Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT49RA0 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT49RA0
Description  Remote Type 8-Bit MCU with LCD
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49RA0 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT49RA0_14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49RA0_14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49RA0_14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49RA0_14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49RA0_14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49RA0_14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49RA0_14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49RA0_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49RA0_14 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
HT49RA0/HT49CA0
Remote Type 8-Bit MCU
with LCD
Rev. 1.50
1
March 20, 2014
Features
· Operating voltage: 2.0V~3.6V
· 8 bidirectional I/O lines and 8 input lines
· Two external interrupt input
· One 8-bit programmable timer/event counter
· LCD driver with 21´2, 21´3or20´4 segments
· 2K´14 program memory
· 96´8 data memory RAM
· Real Time Clock (RTC)
· 8-bit prescaler for RTC
· One carrier output (1/2or1/3 duty)
· Software LCD, RTC control
· On-chip RC and 32768Hz crystal oscillator
· Watchdog Timer
· HALT function and wake-up feature reduce power
consumption
· 4-level subroutine nesting
· Bit manipulation instruction
· 14-bit table read instruction
· Up to 1ms instruction cycle with 4MHz system clock
· 63 powerful instructions
· All instructions in 1 or 2 machine cycles
· Low voltage reset/detector function
· 64-pin LQFP package
General Description
The HT49RA0/HT49CA0 are 8-bit high performance,
RISC architecture microcontroller devices specifically
designed for multiple I/O control product applications.
The mask version HT49CA0 is fully pin and functionally
compatible with the OTP version HT49RA0 device.
The advantages of low power consumption, I/O
flexibility, timer functions, oscillator options, watchdog
timer, HALT and wake-up functions, as well as low cost,
enhance the versatility of this device to suit a wide range
of application possibilities such as industrial control,
consumer products, and particularly suitable for use in
products such as infrared LCD remote controllers and
various subsystem controllers.


Similar Part No. - HT49RA0_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49RA0-6 HOLTEK-HT49RA0-6 Datasheet
329Kb / 49P
   Remote Type 8-Bit MCU with LCD
More results

Similar Description - HT49RA0_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49RA0-6 HOLTEK-HT49RA0-6 Datasheet
329Kb / 49P
   Remote Type 8-Bit MCU with LCD
HT49RA1 HOLTEK-HT49RA1 Datasheet
464Kb / 58P
   Remote Type 8-Bit MCU with LCD
HT49RA1 HOLTEK-HT49RA1_14 Datasheet
509Kb / 57P
   Remote Type 8-Bit MCU with LCD
HT49RA0 HOLTEK-HT49RA0 Datasheet
294Kb / 39P
   Remote Type 8-Bit MCU with LCD
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com