Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1370 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1370
Description  Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1370 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1370 Datasheet HTML 1Page - NTE Electronics NTE1370 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1370
Integrated Circuit
Audio Power Amplifier, 5.8W,
for Car Radio
Features:
D Output Power:
POUT = 5.8W (Typ) at VCC = 13.2V, RL = 4Ω, THD = 10%
POUT = 9.2W (Typ) at VCC = 13.2V, RL = 2Ω, THD = 10%
D Maximum Output Power:
POM = 9.5W (Typ) at VCC = 13.2V, RL = 4Ω
D Low Distortion:
THD = 0.15% at POUT = 1W, GV = 55dB
THD = 0.07% at POUT = 1W, GV = 44dB
D Wide Operating Supply Voltage Range: VCC = 9 to 18V
D Minimum Working Voltage: 9V
D Excessive Supply Voltage Protection Circuit
D Current Limiting for Short Circuit Protection
D Thermal Shut–Down Circuit
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Operating Supply Voltage, VCC
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Quiescent Supply Voltage, VCCQ
25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current (Peak), IO(peak)
4.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
7.5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (VCC = 12.5V, RL = 4Ω, Rg = 600Ω, Rf = 8Ω, f = 1kHz, TA = +25°C
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
ICCQ
VCC = 12.5V
60
mA
VCC = 18V
80
Output Power
POUT
VCC = 12.5V, THD = 10%
4.5
5
W
VCC = 13.2V, THD = 10%
5.8
VCC = 13.2V, RL = 2Ω,
9.2
THD = 10%


Similar Part No. - NTE1370

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1371 NTE-NTE1371 Datasheet
77Kb / 2P
   Integrated Circuit Dual, Audio Power Amp, 5.3W/Ch
NTE1373 NTE-NTE1373 Datasheet
84Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier Circuit, 7.5W
NTE1375 NTE-NTE1375 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amp for Car Radio, 5.8W
NTE1376 NTE-NTE1376 Datasheet
24Kb / 3P
   Integrated Circuit Audio Power Amplifier, 22W
NTE1377 NTE-NTE1377 Datasheet
23Kb / 2P
   Integrated Circuit AF Power Amplifier, 6W/Channel
More results

Similar Description - NTE1370

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
NTE1375 NTE-NTE1375 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amp for Car Radio, 5.8W
logo
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
   5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
logo
KEC(Korea Electronics)
KIA7217AP KEC-KIA7217AP Datasheet
97Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (5.8W AUDIO POWER AMPLIFIER CAR STEREO, CAR RADIO OUTPUT)
logo
NTE Electronics
NTE1166 NTE-NTE1166 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Output, 5.8W for Car Radio & CB
NTE1288 NTE-NTE1288 Datasheet
75Kb / 2P
   Integrated Circuit Audio Power Amplifier, 10W for Car Radio
NTE1232 NTE-NTE1232 Datasheet
25Kb / 3P
   Integrated Circuit Audio Amplifier for Car Radio, 8W
NTE1155 NTE-NTE1155 Datasheet
22Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com