Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61120 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61120
Description  SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61120 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61120 Datasheet HTML 1Page - Texas Instruments TPS61120 Datasheet HTML 2Page - Texas Instruments TPS61120 Datasheet HTML 3Page - Texas Instruments TPS61120 Datasheet HTML 4Page - Texas Instruments TPS61120 Datasheet HTML 5Page - Texas Instruments TPS61120 Datasheet HTML 6Page - Texas Instruments TPS61120 Datasheet HTML 7Page - Texas Instruments TPS61120 Datasheet HTML 8Page - Texas Instruments TPS61120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Actual Size
(5,0 mm x 6,4 mm)
Actual Size
(4,15 mm x 4,15 mm)
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
OFF
ON
OFF
ON
OFF
ON
VBAT
LBI
SKIPEN
EN
LDOEN
SWN
VOUT
FB
PGOOD
LBO
LDOIN
LDOOUT
LDOSENSE
GND
PGND
Control
Inputs
Control
Outputs
Vout1
Vout2
TPS61120
Battery
SWP
10 mH
10 mF
100 mF
2.2 mF
TPS61120
TPS61122, TPS61121
SLVS427C – JUNE 2002 – REVISED APRIL 2004
SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
Synchronous, 95% Efficient, Boost Converter
The TPS6112x devices provide a complete power
With 500-mA Output Current From 1.8-V Input
supply solution for products powered by either a
one-cell Li-Ion or Li-Polymer or a two up to 4 cells
Integrated 200-mA Reverse Voltage Protected
Alkaline, NiCd or NiMH batteries. The devices can
LDO for DC/DC Output Voltage Post Regu-
generate two stable output voltages that are either
lation or Second Output Voltage
adjusted by an external resistor divider or fixed
40-µA (Typical) Total Device Quiescent Cur-
internally on the chip. It also provides a simple
rent
solution for generating 3.3 V out of a one-cell Li-Ion
or Li-Polymer battery at a maximum output current of
Input Voltage Range: 1.8-V to 5.5-V
at least 200 mA with supply voltages down to 1.8 V.
Fixed and Adjustable Output Voltage Options
The implemented boost converter is based on a fixed
up to 5.5-V
frequency, pulse-width-modulation (PWM) controller
Power Save Mode for Improved Efficiency at
using a synchronous rectifier to obtain maximum
Low Output Power
efficiency. The maximum peak current in the boost
switch is limited to a value of 1600 mA.
Low Battery Comparator
Power Good Output
The converter can be disabled to minimize battery
drain. During shutdown, the load is completely dis-
Low EMI-Converter (Integrated Antiringing
connected from the battery. A low-EMI mode is
Switch)
implemented to reduce ringing and in effect lower
Load Disconnect During Shutdown
radiated electromagnetic energy when the converter
Overtemperature Protection
enters the discontinuous conduction mode. A power
good output at the boost stage simplifies control of
Available in a Small 4mm x 4mm QFN-16 or in
any connected circuits like cascaded power supply
a TSSOP-16 Package
stages or microprocessors.
The built-in LDO can be used for a second output
voltage derived either from the boost output or
All Single Cell Li or Dual Cell Battery or USB
directly from the battery. The LDO can be enabled
Powered Products as MP-3 Player, PDAs, and
separately i.e., using the power good of the boost
Other Portable Equipment
stage. The device is packaged in a 16-pin QFN
Dual Input or Dual Output Mode
package measuring 4 mm x 4 mm (RSA) or in a
Simple Li-Ion to 3.3-V Conversion
16-pin TSSOP (PW) package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61120 TI-TPS61120 Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61120PWG4 TI-TPS61120PWG4 Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61120PWR TI-TPS61120PWR Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61120PWRG4 TI-TPS61120PWRG4 Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
More results

Similar Description - TPS61120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61130 TI-TPS61130 Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
   1.1A 1.2MHz Synchronous Boost Converter
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS2505 TI-TPS2505 Datasheet
849Kb / 28P
[Old version datasheet]   INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
TPS2505 TI1-TPS2505_15 Datasheet
1Mb / 33P
[Old version datasheet]   Integrated Dual USB Switches, Boost Converter and LDO
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI1-TPS61098_16 Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com