Electronic Components Datasheet Search |
|
C062H272F5G5GA7301 Datasheet(PDF) 2 Page - Kemet Corporation |
|
C062H272F5G5GA7301 Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 14 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1073_HT_C0G_RADIAL_MOLDED • 9/25/2015 2 Radial Through-Hole Multilayer Ceramic Capacitors High Temperature 200°C, Radial, Molded, C0G Dielectric, 50 – 200 VDC (Industrial Grade) Dimensions – Inches (Millimeters) L T H LL S 0.045 (1.143) Maximum LD L T H LL S LD C052H C062H Series S Lead Spacing L Length H Height T Thickness LD Lead Diameter LL Lead Length Minimum C052H 0.20 ±0.015 (5.08 ±0.38) 0.19 ±0.01 (4.83 ±0.25) 0.19 ±0.01 (4.83 ±0.25) 0.09 ±0.01 (2.29 ±0.25) 0.025 +0.004/ -0.002 (0.635 +0.102/ -0.051) 1.25 (31.75) C062H 0.29 ±0.01 (7.37 ±0.25) 0.29 ±0.01 (7.37 ±0.25) 0.09 ±0.01 (2.29 ±0.25) Benefits • Operating temperature range of -55°C to +200°C • High shock and vibration capability • Base Metal Electrode (BME) dielectric system • RoHS and REACH compliant • Radial through-hole form factor • Gold (Au) plated wire lead finish • Military designation styles CK/CKR05 and CK/CKR06 • Molded case • High breakdown voltage strength • DC voltage ratings of 50 V, 100 V & 200 V • Capacitance offerings ranging from 1.0 pF up to 0.22 μF • Available capacitance tolerances of ±0.1 pF, ±0.25 pF, ±0.5 pF, ±1%, ±2%, ±5%, & ±10% • Extremely low ESR & ESL • High thermal stability • High ripple current capability • No capacitance change with respect to applied rated DC voltage • Negligible capacitance change with respect to temperature from -55°C to +200°C • No capacitance decay with time • Non-polar device, minimizing installation concerns • Encapsulation meets flammability standard UL 94V-0 • Halogen-free Applications Typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass, filtering, transient voltage suppression, blocking and energy storage, circuits with a direct battery or power source connection, critical and safety relevant circuits without (integrated) current limitation and any application that is subject to extreme environments such as high shock and vibration, high temperature, high levels of board flexure and/or temperature cycling. Programs supported include down-hole exploration, aerospace engine compartments, geophysical probes, hybrid and electric automotive motor drives and defense. Markets include military, industrial, aerospace, and automotive. |
Similar Part No. - C062H272F5G5GA7301 |
|
Similar Description - C062H272F5G5GA7301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |