Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD7205DT5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESD7205DT5G
Description  ESD Protection Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7205DT5G Datasheet(HTML) 2 Page - ON Semiconductor

  ESD7205DT5G Datasheet HTML 1Page - ON Semiconductor ESD7205DT5G Datasheet HTML 2Page - ON Semiconductor ESD7205DT5G Datasheet HTML 3Page - ON Semiconductor ESD7205DT5G Datasheet HTML 4Page - ON Semiconductor ESD7205DT5G Datasheet HTML 5Page - ON Semiconductor ESD7205DT5G Datasheet HTML 6Page - ON Semiconductor ESD7205DT5G Datasheet HTML 7Page - ON Semiconductor ESD7205DT5G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ESD7205, SZESD7205
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working
Voltage
VRWM
I/O Pin to GND
5.0
V
Breakdown Voltage
VBR
IT = 1 mA, I/O Pin to GND
5.2
6.0
8.0
V
Reverse Leakage
Current
IR
VRWM = 5.0 V, I/O Pin to GND
1
mA
Clamping Voltage
(Note 1)
VC
IEC61000−4−2,
±8 kV Contact
See Figures 3 and 4
Clamping Voltage TLP
(Note 2)
VC
IPP = 8 A
IPP = 16 A
IPP = −8 A
IPP = −16 A
10
12.5
−4.0
−8.0
V
Junction Capacitance
Match
DCJ
VR = 0 V, f = 1 MHz between I/O1 to GND and I/O
2 to GND
5
10
%
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz between I/O Pins and GND
ESD7205DT5G
ESD7205WTT1G
0.34
0.47
0.55
0.85
pF
VR = 0 V, f = 1 MHz between I/O Pins
ESD7205DT5G
ESD7205WTT1G
0.20
0.23
0.35
0.40
3dB Bandwidth
fBW
RL = 50 W
5
GHz
1. For test procedure see Figures 5 and 6 and application note AND8307/D.
2. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 100 ns, tr = 4 ns, averaging window; t1 = 30 ns to t2 = 60 ns.


Similar Part No. - ESD7205DT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7205 ONSEMI-ESD7205 Datasheet
136Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. P2
ESD7205M3T5G ONSEMI-ESD7205M3T5G Datasheet
136Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. P2
ESD7205WTT1G ONSEMI-ESD7205WTT1G Datasheet
136Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. P2
More results

Similar Description - ESD7205DT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
   ESD Protection Diodes
May, 2016 ??Rev. 8
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
   ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
logo
Pan Jit International I...
PJSD05MLTM PANJIT-PJSD05MLTM Datasheet
80Kb / 3P
   ESD PROTECTION DIODES
logo
ON Semiconductor
SRV05-4 ONSEMI-SRV05-4 Datasheet
147Kb / 9P
   ESD Protection Diodes
November, 2011 ??Rev. 1
ESD8351P2 ONSEMI-ESD8351P2 Datasheet
282Kb / 8P
   ESD Protection Diodes
April, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com