Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P277CE103K300A Datasheet(PDF) 1 Page - Kemet Corporation

Part # P277CE103K300A
Description  PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P277CE103K300A Datasheet(HTML) 1 Page - Kemet Corporation

  P277CE103K300A Datasheet HTML 1Page - Kemet Corporation P277CE103K300A Datasheet HTML 2Page - Kemet Corporation P277CE103K300A Datasheet HTML 3Page - Kemet Corporation P277CE103K300A Datasheet HTML 4Page - Kemet Corporation P277CE103K300A Datasheet HTML 5Page - Kemet Corporation P277CE103K300A Datasheet HTML 6Page - Kemet Corporation P277CE103K300A Datasheet HTML 7Page - Kemet Corporation P277CE103K300A Datasheet HTML 8Page - Kemet Corporation P277CE103K300A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3014_PME271E_X1_300 • 5/19/2016
1
One world. One KEMET
Benefits
• Approvals: ENEC, UL
• Rated voltage: 300 VAC 50/60 Hz
• Capacitance range: 0.01 – 0.22 µF
• Lead spacing: 15.2 – 25.4 mm
• Capacitancetolerance:±20%forC≤0.1µF,±10%forC>0.1µF
• Climatic category: 40/110/56/B, IEC 60068–1
• Tape and reel packaging in accordance with IEC 60286–2
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof−40˚Cto+110˚C
• 100% screening factory test at 2,150 VDC
• Highest possible safety regarding active and passive
flammability
Overview
The PME271E Series consists of multilayer metallized paper,
encapsulated and impregnated in self-extinguishing material
meeting the requirements of UL 94 V–0.
Applications
Typical applications include worldwide use as an electromagnetic
interference suppressor in all X1 and across-the-line applications.
AC Line EMI Suppression and RC Networks
PME271E Series Metallized Impregnated Paper,
Class X1, 300 VAC
Legacy Part Number System
PME271
E
(D)
510(0)
M
R30
Series
Rated Voltage (VAC)
Lead Spacing (mm)
Capacitance Code (pF)
Capacitance
Tolerance
Packaging
X1, Metallized Paper
E = 300
Blank = Standard
D = 22.5
The last three digits
representsignificantfigures.
Thefirstdigitspecifiesthe
total number of digits.
M=±20%(forC≤0.1µF)
K=±10%(forC>0.1µF)
See Ordering
Options Table
New KEMET Part Number System
P
277
Q
E
103
M
300
A
Capacitor
Class
Series
Lead Spacing (mm)
Size Code
Capacitance Code (pF)
Capacitance
Tolerance
Rated Voltage
(VAC)
Packaging
P = Paper X1, Metallized
Paper
Q = 15.2
C = 20.3
S = 22.5
E = 25.4
See Dimension
Table
First two digits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
M=±20%(forC≤0.1µF)
K=±10%(forC>0.1µF)
300 = 300
See Ordering
Options Table
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - P277CE103K300A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2779A ALSC-P2779A Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
PulseCore Semiconductor
P2779A PULSECORE-P2779A Datasheet
360Kb / 8P
   Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
P2779A ONSEMI-P2779A Datasheet
127Kb / 7P
   Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
logo
Alliance Semiconductor ...
P2779A-08SR ALSC-P2779A-08SR Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
P2779A-08SRF ALSC-P2779A-08SRF Datasheet
197Kb / 8P
   Low-Cost Notebook EMI Reduction IC
More results

Similar Description - P277CE103K300A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
Kemet Corporation
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
   Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com