Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C062H272G5G5GAT500 Datasheet(PDF) 2 Page - Kemet Corporation

Part # C062H272G5G5GAT500
Description  Radial Through-Hole Multilayer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C062H272G5G5GAT500 Datasheet(HTML) 2 Page - Kemet Corporation

  C062H272G5G5GAT500 Datasheet HTML 1Page - Kemet Corporation C062H272G5G5GAT500 Datasheet HTML 2Page - Kemet Corporation C062H272G5G5GAT500 Datasheet HTML 3Page - Kemet Corporation C062H272G5G5GAT500 Datasheet HTML 4Page - Kemet Corporation C062H272G5G5GAT500 Datasheet HTML 5Page - Kemet Corporation C062H272G5G5GAT500 Datasheet HTML 6Page - Kemet Corporation C062H272G5G5GAT500 Datasheet HTML 7Page - Kemet Corporation C062H272G5G5GAT500 Datasheet HTML 8Page - Kemet Corporation C062H272G5G5GAT500 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1073_HT_C0G_RADIAL_MOLDED • 9/25/2015
2
Radial Through-Hole Multilayer Ceramic Capacitors
High Temperature 200°C, Radial, Molded, C0G Dielectric, 50 – 200 VDC (Industrial Grade)
Dimensions – Inches (Millimeters)
L
T
H
LL
S
0.045
(1.143)
Maximum
LD
L
T
H
LL
S
LD
C052H
C062H
Series
S
Lead Spacing
L
Length
H
Height
T
Thickness
LD
Lead Diameter
LL
Lead Length
Minimum
C052H
0.20 ±0.015
(5.08 ±0.38)
0.19 ±0.01
(4.83 ±0.25)
0.19 ±0.01
(4.83 ±0.25)
0.09 ±0.01
(2.29 ±0.25)
0.025 +0.004/ -0.002
(0.635 +0.102/ -0.051)
1.25 (31.75)
C062H
0.29 ±0.01
(7.37 ±0.25)
0.29 ±0.01
(7.37 ±0.25)
0.09 ±0.01
(2.29 ±0.25)
Benefits
• Operating temperature range of -55°C to +200°C
• High shock and vibration capability
• Base Metal Electrode (BME) dielectric system
• RoHS and REACH compliant
• Radial through-hole form factor
• Gold (Au) plated wire lead finish
• Military designation styles CK/CKR05 and CK/CKR06
• Molded case
• High breakdown voltage strength
• DC voltage ratings of 50 V, 100 V & 200 V
• Capacitance offerings ranging from 1.0 pF up to 0.22 μF
• Available capacitance tolerances of ±0.1 pF, ±0.25 pF, ±0.5 pF,
±1%, ±2%, ±5%, & ±10%
• Extremely low ESR & ESL
• High thermal stability
• High ripple current capability
• No capacitance change with respect to applied rated DC voltage
• Negligible capacitance change with respect to temperature from
-55°C to +200°C
• No capacitance decay with time
• Non-polar device, minimizing installation concerns
• Encapsulation meets flammability standard UL 94V-0
• Halogen-free
Applications
Typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass,
filtering, transient voltage suppression, blocking and energy storage, circuits with a direct battery or power source connection, critical
and safety relevant circuits without (integrated) current limitation and any application that is subject to extreme environments such
as high shock and vibration, high temperature, high levels of board flexure and/or temperature cycling. Programs supported include
down-hole exploration, aerospace engine compartments, geophysical probes, hybrid and electric automotive motor drives and defense.
Markets include military, industrial, aerospace, and automotive.


Similar Part No. - C062H272G5G5GAT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C062H105J1R5GA7061 KEMET-C062H105J1R5GA7061 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
C062H105J1R5GA7301 KEMET-C062H105J1R5GA7301 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
C062H105J1R5GA7303 KEMET-C062H105J1R5GA7303 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
C062H105J1R5GAT1K0 KEMET-C062H105J1R5GAT1K0 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
C062H105J1R5GAT250 KEMET-C062H105J1R5GAT250 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
More results

Similar Description - C062H272G5G5GAT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C062H105K5R5GA7303 KEMET-C062H105K5R5GA7303 Datasheet
1Mb / 13P
   Radial Through-Hole Multilayer Ceramic Capacitors
logo
Kingtronics Internation...
MKT KINGTRONICS-MKT Datasheet
352Kb / 3P
   Radial Multilayer Ceramic Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
logo
Kemet Corporation
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
United Chemi-Con, Inc.
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com