Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP3120 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP3120
Description  TOSHIBA Photocoupler Photorelay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3120 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP3120 Datasheet HTML 1Page - Toshiba Semiconductor TLP3120 Datasheet HTML 2Page - Toshiba Semiconductor TLP3120 Datasheet HTML 3Page - Toshiba Semiconductor TLP3120 Datasheet HTML 4Page - Toshiba Semiconductor TLP3120 Datasheet HTML 5Page - Toshiba Semiconductor TLP3120 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP3120
2002-03-13
4
ION = 1250 mA
IF = 5 mA
t < 1s
0.03
0.10
0.09
0.08
0.07
0.06
0.05
0.04
100
-20
0
20
40
60
80
Ta
= 25°C
0.1
0.6
1.8
0.8
1
1.2
1.4
1.6
0.3
0.5
1
3
5
10
30
50
100
0
-20
120
0
20
40
60
80
100
100
80
60
40
20
IF – Ta
ION – Ta
IF – VF
ION – VON
RON – Ta
IFT – Ta
Ambient temperature
Ta
(°C)
Ambient temperature
Ta
(°C)
Forward voltage
VF (V)
ON-state voltage
VON (V)
Ambient temperature
Ta
(°C)
Ambient temperature
Ta
(°C)
-1500
-0.4
0.4
-0.2
0
0.2
1500
-1000
-500
0
1000
500
Ta
= 25°C
IF = 5 mA
0
-20
ION = 1250 mA
t < 1s
100
0
20
40
60
80
1
5
4
3
2
0
-20
120
0
20
40
60
80
100
1500
1250
1000
750
250
500


Similar Part No. - TLP3120

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3121 TOSHIBA-TLP3121 Datasheet
142Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3122 TOSHIBA-TLP3122 Datasheet
149Kb / 6P
   Logic Testers / Memory Testers
TLP3122A TOSHIBA-TLP3122A Datasheet
335Kb / 11P
   Photocouplers Photorelay
2021-05-28 Rev.7.0
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
   Measurement Instruments Power Line Control
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
   Photocoupler PHOTORELAY
More results

Similar Description - TLP3120

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
   TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP202G TOSHIBA-TLP202G Datasheet
131Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP4597G TOSHIBA-TLP4597G_14 Datasheet
250Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLX9160T TOSHIBA-TLX9160T Datasheet
511Kb / 7P
   TOSHIBA Photocoupler Photorelay
2021-04-01
TLP172G TOSHIBA-TLP172G Datasheet
138Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP176GA TOSHIBA-TLP176GA Datasheet
158Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP592A TOSHIBA-TLP592A_14 Datasheet
250Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP4026G TOSHIBA-TLP4026G Datasheet
399Kb / 8P
   TOSHIBA Photocoupler Photorelay
2019-06-24
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
   TOSHIBA Photocoupler Photorelay
2019-06-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com