Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XZMYLA143S Datasheet(PDF) 6 Page - SunLED Corporation

Part # XZMYLA143S
Description  White SMD package with silicone resin
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMYLA143S Datasheet(HTML) 6 Page - SunLED Corporation

  XZMYLA143S Datasheet HTML 1Page - SunLED Corporation XZMYLA143S Datasheet HTML 2Page - SunLED Corporation XZMYLA143S Datasheet HTML 3Page - SunLED Corporation XZMYLA143S Datasheet HTML 4Page - SunLED Corporation XZMYLA143S Datasheet HTML 5Page - SunLED Corporation XZMYLA143S Datasheet HTML 6Page - SunLED Corporation XZMYLA143S Datasheet HTML 7Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Part Number: XZMYLA143S
Sep 16,2016
XDSB7607
V2-Z Layout: Maggie L.
P. 6/7
5.6mm x 3.0mm SURFACE MOUNT LED LAMP
Reel Dimension
LED is recommended for reflow soldering and
soldering profile is shown below.
Recommended Soldering Pattern
(Units : mm; Tolerance: ±0.1)
The device has a single mounting surface. The device
must be mounted according to the specifications.
Tape Specification (Units : mm)


Similar Part No. - XZMYLA143S

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZMYLA109FS SUNLED-XZMYLA109FS Datasheet
373Kb / 6P
   IR-reflow compatible
More results

Similar Description - XZMYLA143S

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZMOLA143S SUNLED-XZMOLA143S Datasheet
340Kb / 7P
   White SMD package with silicone resin
XZMDH160S SUNLED-XZMDH160S Datasheet
370Kb / 9P
   White ceramic package with silicone resin
logo
OSRAM GmbH
LTRBR8SR-8A7B-0117 OSRAM-LTRBR8SR-8A7B-0117 Datasheet
796Kb / 25P
   SMD package with silicone resin
KRBTQDLP61.3A OSRAM-KRBTQDLP61.3A Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRB-RASR OSRAM-LTRB-RASR Datasheet
1Mb / 23P
   SMD package with silicone resin
logo
SunLED Corporation
XZDG10X160S SUNLED-XZDG10X160S Datasheet
376Kb / 9P
   White ceramic package with silicone resin
logo
OSRAM GmbH
LTRBR8SF-8A7B-0117 OSRAM-LTRBR8SF-8A7B-0117 Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRB-R8SR OSRAM-LTRB-R8SR Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRB-R8SF OSRAM-LTRB-R8SF Datasheet
1Mb / 21P
   SMD package with silicone resin
logo
SunLED Corporation
XZCB14X160S SUNLED-XZCB14X160S Datasheet
371Kb / 9P
   White ceramic package with silicone resin
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com