Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4509RGTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4509RGTR
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4509RGTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4509RGTR Datasheet HTML 2Page - Texas Instruments THS4509RGTR Datasheet HTML 3Page - Texas Instruments THS4509RGTR Datasheet HTML 4Page - Texas Instruments THS4509RGTR Datasheet HTML 5Page - Texas Instruments THS4509RGTR Datasheet HTML 6Page - Texas Instruments THS4509RGTR Datasheet HTML 7Page - Texas Instruments THS4509RGTR Datasheet HTML 8Page - Texas Instruments THS4509RGTR Datasheet HTML 9Page - Texas Instruments THS4509RGTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
THS4509
SLOS454 – JANUARY 2005
SPECIFICATIONS; V
S+– VS– = 3 V: (continued)
Test conditions unless otherwise noted: V
S+ = +1.5 V, VS– = –1.5 V, CM = open, VO = 1 Vpp, RF = 349 Ω, RL = 200 Ω
Differential, G = 10 dB, Single-Ended Input, Differential Output, Input and Output Referenced to Mid-supply
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
–40
°C to
MIN/
TEST
25
°C
25
°C
UNITS
85
°C
MAX
LEVEL(1)
OUTPUT
Maximum Output Voltage High
0.45
0.43
0.2
V
Min
Each output with 100
Ω to mid-supply
Minimum Output Voltage Low
–0.45
–0.43
–0.2
V
Max
A
Differential Output Voltage Swing
1.8
1.65
0.8
V
Min
Differential Output Current Drive
RL = 20 Ω
20
18
18
mA
Min
Output Balance Error
VO = 100 mV, f = 1 MHz
–49
dB
Typ
C
Closed-Loop Output Impedance
f = 1 MHz
0.3
Typ
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-Signal Bandwidth
570
MHz
Typ
Slew Rate
60
V/µs
Typ
Gain
1
V/V
Typ
Output Common-Mode Offset from CM input
–0.5 V < CM < 0.5 V
4
mV
Typ
C
CM Input Bias Current
–0.5 V < CM < 0.5 V
±40
µA
Typ
–1.5 to
CM Input Voltage Range
V
Typ
1.5
CM Input Impedance
20
1
k
Ω pF
Typ
CM Default Voltage
0
V
Typ
POWER SUPPLY
Specified Operating Voltage
3
5.5
5.5
V
Max
Maximum Quiescent Current
34.8
35.8
36
mA
Max
A
Minimum Quiescent Current
34.8
33.8
33
mA
Min
Power Supply Rejection (
±PSRR)
78
dB
Min
C
POWERDOWN
Referenced to Vs–
Enable Voltage Threshold
V
Min
Device Assured on above 2.1 V
C
Referenced to Vs–
Disable Voltage Threshold
V
Max
Device Assured off below 0.7 V
Powerdown Quiescent Current
0.46
0.53
0.67
mA
Max
A
Input Bias Current
PD = VS–
65
µA
Typ
Input Impedance
50
2
k
Ω pF
Typ
C
Turn-on Time Delay
Measured to output on
100
ns
Typ
Turn-off Time Delay
Measured to output off
10
µs
Typ
6


Similar Part No. - THS4509RGTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4509RGTR NSC-THS4509RGTR Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509RGTRG4 NSC-THS4509RGTRG4 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4509RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com