Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4509 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4509
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4509 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4509 Datasheet HTML 7Page - Texas Instruments THS4509 Datasheet HTML 8Page - Texas Instruments THS4509 Datasheet HTML 9Page - Texas Instruments THS4509 Datasheet HTML 10Page - Texas Instruments THS4509 Datasheet HTML 11Page - Texas Instruments THS4509 Datasheet HTML 12Page - Texas Instruments THS4509 Datasheet HTML 13Page - Texas Instruments THS4509 Datasheet HTML 14Page - Texas Instruments THS4509 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
30
32
34
36
38
40
42
44
46
48
50
0
50
100
150
200
Gain = 6 dB
Gain = 14 dB
Gain = 10 dB
f − Frequency − MHz
1
10
100
f = Frequency - MHz
-70
-60
-50
-40
-30
-20
-10
0
1000
S21
S11
S22
S12
Fall
VOD − Differential Output Voltage − VSTEP
0
1000
2000
3000
4000
5000
6000
7000
8000
0
0.5
1
1.5
2
2.5
3
3.5
4
Rise
−1.5
−1
−0.5
0
0.5
1
1.5
−0.5
0
0.5
1
1.5
2
2.5
3
t − Time − ns
VOD = 2 V step
−5
−4
−3
−2
−1
0
1
2
3
4
5
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
t − Time − ns
VOD = 2 V step
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
f − Frequency − MHz
CMRR
PSRR+
PSRR−
−5
−4
−3
−2
−1
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
Input
Output
t − Time −
µs
0
1
2
3
4
5
6
7
0
500
1000
1500
2000
R
- Load Resistance -
L
W
0.1
1
10
100
0.1
1
10
100
1000
f − Frequency− MHz
THS4509
SLOS454 – JANUARY 2005
OIP3
S-PARAMETERS
SLEW RATE
vs
vs
vs
FREQUENCY
FREQUENCY
OUTPUT VOLTAGE
Figure 19.
Figure 20.
Figure 21.
REJECTION RATIO
vs
TRANSIENT RESPONSE
SETTLING TIME
FREQUENCY
Figure 22.
Figure 23.
Figure 24.
OUTPUT IMPEDANCE
OUTPUT VOLTAGE SWING
vs
vs
FREQUENCY
OVERDRIVE RECOVERY
LOAD RESISTANCE
Figure 25.
Figure 26.
Figure 27.
11


Similar Part No. - THS4509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
1,002Kb / 23P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509 TI1-THS4509 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4509 TI1-THS4509 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com