Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4509 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4509
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4509 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4509 Datasheet HTML 6Page - Texas Instruments THS4509 Datasheet HTML 7Page - Texas Instruments THS4509 Datasheet HTML 8Page - Texas Instruments THS4509 Datasheet HTML 9Page - Texas Instruments THS4509 Datasheet HTML 10Page - Texas Instruments THS4509 Datasheet HTML 11Page - Texas Instruments THS4509 Datasheet HTML 12Page - Texas Instruments THS4509 Datasheet HTML 13Page - Texas Instruments THS4509 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
−100
−90
−80
−70
−60
−50
−40
−30
0
50
100
150
200
Gain = 6 dB,
VOD = 2 VPP Envelope
RL = 500 Ω
RL = 100 Ω
RL = 200 Ω
f − Frequency − MHz
RL = 1 kΩ
-120
-110
-100
-90
-80
-70
-60
0
1
2
3
4
V
- V
OD
PP
f = 64 MHz
f = 32 MHz
f = 16 MHz
f = 8 MHz
-120
-110
-100
-90
-80
-70
-60
0
1
2
3
4
V
- V
OD
PP
f = 64 MHz
f = 32 MHz
f = 8 MHz
f = 16 MHz
−100
−90
−80
−70
−60
−50
−40
−30
0
50
100
150
200
Gain = 10 dB,
VOD = 2 VPP Envelope
RL = 100 Ω
RL = 200 Ω
f − Frequency − MHz
RL = 1 kΩ
RL = 500 Ω
−100
−95
−90
−85
−80
−75
−70
−65
−60
0
50
100
150
200
f − Frequency − MHz
Gain = 6 dB,
VOD = 2 VPP Envelope
RL = 1 kΩ
RL = 200 Ω
RL = 500 Ω
RL = 100 Ω
−100
−95
−90
−85
−80
−75
−70
−65
−60
0
50
100
150
200
f − Frequency − MHz
Gain = 10 dB,
VOD = 2 VPP Envelope
RL = 200 Ω
RL = 500 Ω
RL = 100 Ω
RL = 1 kΩ
−100
−95
−90
−85
−80
−75
−70
−65
−60
0
50
100
150
200
f − Frequency − MHz
Gain = 14 dB,
VOD = 2 VPP Envelope
RL = 200 Ω
RL = 500 Ω
RL = 100 Ω
RL = 1 kΩ
−100
−90
−80
−70
−60
−50
−40
−30
0
50
100
150
200
Gain = 14 dB,
VOD = 2 VPP Envelope
RL = 100 Ω
RL = 200 Ω
f − Frequency − MHz
RL = 1 kΩ
RL = 500 Ω
40
45
50
55
60
65
70
75
80
85
90
0
50
100
150
200
Gain = 10 dB
Gain = 6 dB
Gain = 14 dB
f − Frequency − MHz
THS4509
SLOS454 – JANUARY 2005
HD2
HD3
IMD2
vs
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
IMD3
IMD2
IMD3
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
IMD2
IMD3
OIP2
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
10


Similar Part No. - THS4509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
1,002Kb / 23P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509 TI1-THS4509 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4509 TI1-THS4509 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com