Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1123076-5 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. 4-1123076-5
Description  Easy connections to equipment
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 5 page
background image
5
Catalog 6-1773442-9
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 9-08
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
6 Position Connectors (Continued)
Connector System for IEEE 1394 Serial Bus
Note: All part numbers are RoHS compliant.
Receptacle Assembly,
Flag, Thru-Hole
Part Number
5787956-1
Material and Finish
Housing — Thermoplastic, UL94V-0,
black
Contact — Copper alloy, gold over
palladium nickel, and tin plated, nickel
underplated
Shell — Copper alloy, tin plated
8.15
[.321]
0.20
[.008]
Standoff
0.60
[.024]
11.30
[.445]
6.18
[.243]
2.10
[.083]
Ø 0.80
[.031]
2.00
[.079]
1.40
[.055]
Recommended PCB Layout
2.00
[.079]
2.00
[.079]
2.00
[.079]
4.55
[.179]
2.10
[.083]
7.20
[.283]
1.50
[.059]
1.00
[.039]
1.00
[.039]
2.00
[.079]
6.65
[.262]
135
246
3.00
[.118]
1.60
[.063]
1.50
[.059]
7.80
[.307]
18.00
[.709]
3.00
[.118]
8.50
[.335]
Pos. No. 1
0.248
[.0098]
2.20
[.087]
7.39
[.291]
13.70
[.539]
3.06
[.120]
2.00
[.079]




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl