Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1123076-5 Datasheet(PDF) 9 Page - Tyco Electronics

Part No. 4-1123076-5
Description  Easy connections to equipment
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 9 page
background image
9
Catalog 6-1773442-9
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 9-08
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
4 Position Connectors (Continued)
Connector System for IEEE 1394 Serial Bus
Note: All part numbers are RoHS compliant.
Receptacle Assembly,
Vertical, Thru-Hole
Part Number
1318714-1
Material and Finish
Housing — Thermoplastic, UL94V-0,
black
Contact — Copper alloy, gold and tin
plated, nickel underplated
Front Shell — Copper alloy, tin plated
over nickel
Back Shell — Copper alloy, tin plated
Sec. A-A
7.60
[.299]
1.20
[.047]
4.75
[.187]
Recommended PCB Layout
9.50
[.374]
4.55
[.179]
1.50
[.059]
4.75
[.187]
0.20
[.008]
7.50
[.295] 5.70
[.224]
3.00
[.118]
6.45
[.254]
9.70
[.382]
7.70
[.303]
1.90
[.075]
5.00
[.197]
8.10
[.319]
7.60
[.299]
6.30
[.248]
4.15
[.163]
0.50
[.020]
7.60
[.299]
5.80
[.228]
0.50
[.020]
0.30
[.012]
1.20
[.047]
1.15
[.045]
1.00
[.039]
2.40
[.094]
Ø 0.60
[.024]
R 0.50
[.020]
0.80
[.031]
4.15
[.163]
2.00
[.079]
A
A
1.15
[.045]
0.23
[.009]
Ø 0.50
[.020]
Pos. No. 1
5.45
[.215]
3.55
[.140]




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl