Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1123076-0 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 4-1123076-0
Description  Easy connections to equipment
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 3 page
background image
3
Catalog 6-1773442-9
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 9-08
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
6 Position Connectors (Continued)
Connector System for IEEE 1394 Serial Bus
Note: All part numbers are RoHS compliant.
16.60
[.656]
11.30
[.445]
Pos. No. 1
0.45
[.018]
0.50
[.020]
1.00
[.039]
2.00
[.079]
4.65
[.183]
13.50
[.531]
6.20
[.244]
8.30
[.327]
8.00
[.315]
7.70
[.303]
2.20
[.087]
12.10
[.476]
0.45
[.018]
11.70
[.461]
10.00
[.394]
Receptacle Assembly
Right-Angle, SMT
Part Number
1734368-1, -2
Material and Finish
Housing — Thermoplastic, UL94V-0,
black
Contact — Copper alloy, gold and tin
plated, nickel underplated
Front Shell — Copper alloy, tin plated
Back Shell — Steel, nickel over cop-
per plated
2.50
[.098]
11.70
[.461]
10.00
[.394]
1.00
[.039]
1.00
[.039]
0.70
[.028]
1.60
[.063]
4.65
[.183]
3.50
[.138]
2.20
[.087]
Ø 1.60
[.063]
Recommended PCB Layout




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl