Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1318138-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1318138-1
Description  Easy connections to equipment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1318138-1 Datasheet(HTML) 4 Page - Tyco Electronics

  1318138-1 Datasheet HTML 1Page - Tyco Electronics 1318138-1 Datasheet HTML 2Page - Tyco Electronics 1318138-1 Datasheet HTML 3Page - Tyco Electronics 1318138-1 Datasheet HTML 4Page - Tyco Electronics 1318138-1 Datasheet HTML 5Page - Tyco Electronics 1318138-1 Datasheet HTML 6Page - Tyco Electronics 1318138-1 Datasheet HTML 7Page - Tyco Electronics 1318138-1 Datasheet HTML 8Page - Tyco Electronics 1318138-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Catalog 6-1773442-9
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 9-08
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
6 Position Connectors (Continued)
Connector System for IEEE 1394 Serial Bus
Note: All part numbers are RoHS compliant.
Receptacle Assembly,
Vertical, Thru-Hole
Material and Finish
Shell — Copper alloy, plated nickel
over copper
Housing — Thermoplastic, UL94V-0,
black
Contact — Copper alloy, gold and tin
plated, nickel underplated
Dimension A
Part Number
2.69
1734290-1
.106
3.18
1734290-2
.125
16.30
[.642]
0.20
[.008]
7.20
[.283]
3.00
[.118]
R 0.50
[..020]
1.00
[.039]
3.00
[.118]
2.50
[.098]
4 Plcs.
Ø 0.80
[.031]
6 Plcs.
2.10
[.083]
3.00
[.118]
A
6.20
[.244]
13.45
[.530]
11.30
[.445]
12.10
[.476]
Recommended PCB Layout
5.60
[.220]
2.00
[.079]
1.00
[.039]


Similar Part No. - 1318138-1

ManufacturerPart #DatasheetDescription
logo
Heyco.
13181 HEYCO-13181 Datasheet
141Kb / 1P
   Nytye® Heavy Duty and Extra Heavy Duty/HVAC Nylon Cable Ties
13181 HEYCO-13181 Datasheet
153Kb / 1P
   Nytye® Heavy Duty Nylon Cable Ties
logo
Tyco Electronics
1318105 MACOM-1318105 Datasheet
2Mb / 43P
   AMP Dynamic Series Connectors
logo
List of Unclassifed Man...
1318105-1 ETC2-1318105-1 Datasheet
10Mb / 236P
   T E CON N E C T I V I T Y AT YOU R S E R V I C E
logo
Tyco Electronics
1318105-1 MACOM-1318105-1 Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
More results

Similar Description - 1318138-1

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
M04 DYELEC-M04 Datasheet
1Mb / 2P
   Easy connections
logo
Grayhill, Inc
02-20 GRAYHILL-02-20 Datasheet
94Kb / 1P
   Rapid, Easy Connections
02-24 GRAYHILL-02-24 Datasheet
99Kb / 1P
   Rapid, Easy Connections
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Keysight Technologies
W1138A KEYSIGHT-W1138A Datasheet
1Mb / 14P
   GPIB, USB and Instrument Control for easy PC-to-Instrument Connections
logo
celduc-relais
1LK00700 CELDUC-1LK00700 Datasheet
766Kb / 4P
   Power connections
logo
List of Unclassifed Man...
KT120 ETC2-KT120 Datasheet
47Kb / 2P
   Terminal connections
logo
STMicroelectronics
STW69N65M5-4 STMICROELECTRONICS-STW69N65M5-4 Datasheet
792Kb / 13P
   Easy to drive
January 2014 Rev 2
logo
Maxim Integrated Produc...
MAX1403EVSYSTEM MAXIM-MAX1403EVSYSTEM Datasheet
1Mb / 20P
   Easy to Configure
Rev 0; 5/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com