Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1734290-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 1734290-1
Description  Easy connections to equipment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1734290-1 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 1734290-1 Datasheet HTML 2Page - Tyco Electronics 1734290-1 Datasheet HTML 3Page - Tyco Electronics 1734290-1 Datasheet HTML 4Page - Tyco Electronics 1734290-1 Datasheet HTML 5Page - Tyco Electronics 1734290-1 Datasheet HTML 6Page - Tyco Electronics 1734290-1 Datasheet HTML 7Page - Tyco Electronics 1734290-1 Datasheet HTML 8Page - Tyco Electronics 1734290-1 Datasheet HTML 9Page - Tyco Electronics 1734290-1 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Catalog 6-1773442-9
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 9-08
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
6 Position Connectors (Continued)
Connector System for IEEE 1394 Serial Bus
Note: All part numbers are RoHS compliant.
Part Number
5787950-1
(Plug Kit — Unassembled)
5.40
[.213]
1.50
[.059]
Pos. No. 2
Pos. No. 1
Pos. No. 3
30.20
[1.189]
10.50
[.413]
15.40
[.606]
11.00
[.433]
9.00
[.354]
Material and Finish
Housing — Thermoplastic, UL94V-0,
gray
Shell — Steel, tin over nickel plating
Contact — Copper alloy, gold or
gold over palladium nickel, tin, nickel
underplate
Ferrule — Copper alloy, tin over nickel
plating


Similar Part No. - 1734290-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1734290 PHOENIX-1734290 Datasheet
72Kb / 3P
   Printed-circuit board connector - CCDN 2,5/ 4-G1 P26 THR
More results

Similar Description - 1734290-1

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
M04 DYELEC-M04 Datasheet
1Mb / 2P
   Easy connections
logo
Grayhill, Inc
02-20 GRAYHILL-02-20 Datasheet
94Kb / 1P
   Rapid, Easy Connections
02-24 GRAYHILL-02-24 Datasheet
99Kb / 1P
   Rapid, Easy Connections
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Keysight Technologies
W1138A KEYSIGHT-W1138A Datasheet
1Mb / 14P
   GPIB, USB and Instrument Control for easy PC-to-Instrument Connections
logo
celduc-relais
1LK00700 CELDUC-1LK00700 Datasheet
766Kb / 4P
   Power connections
logo
List of Unclassifed Man...
KT120 ETC2-KT120 Datasheet
47Kb / 2P
   Terminal connections
logo
STMicroelectronics
STW69N65M5-4 STMICROELECTRONICS-STW69N65M5-4 Datasheet
792Kb / 13P
   Easy to drive
January 2014 Rev 2
logo
Maxim Integrated Produc...
MAX1403EVSYSTEM MAXIM-MAX1403EVSYSTEM Datasheet
1Mb / 20P
   Easy to Configure
Rev 0; 5/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com