Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1437567-2 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1437567-2
Description  Pushbutton Switches, .120 Actuator, Straight
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1437567-2 Datasheet(HTML) 5 Page - Tyco Electronics

  1437567-2 Datasheet HTML 1Page - Tyco Electronics 1437567-2 Datasheet HTML 2Page - Tyco Electronics 1437567-2 Datasheet HTML 3Page - Tyco Electronics 1437567-2 Datasheet HTML 4Page - Tyco Electronics 1437567-2 Datasheet HTML 5Page - Tyco Electronics 1437567-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APBE Series
D20
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
Pushbutton Switches, Process Sealed, .157 Actuator, Retention Terminal, Right Angle
SEE PAGE D19 FOR PRODUCT SPECIFICATIONS.
SPDT
APBE1FGRA
P. C. HOLE
LAYOUT
SINGLE POLE
.032
(0.81)
DIA. TYP.
.100
(2.54)
TYP.
.315
(8.00)
.157
(4.00)
.157
(4.00)
.197
(5.00)
.657
(16.69)
.047
(1.19)
STROKE
.200
(5.08)
Bushing
.157
(4.00)
DIA.
.374
(9.50)
.028
(0.71)
TYP.
.071
(1.80)
TYP.
.016
(0.40)
TYP.
.200
(5.08)
.012
(0.30)
TYP.
.130
(3.30)
.024
(0.61)
TYP.
1
2
3
.100
(2.54)
TYP.
.220
(5.58)
EPOXY
SEAL
.028
(0.71)
.098
(2.48)
Dia.
DPDT
Extra compact double pole
saves PCB real estate.
APBE2RGRA
P. C. HOLE LAYOUT
DOUBLE POLE
.032
(0.81)
DIA. TYP.
.100
(2.54)
TYP.
.315
(8.00)
.157
(4.00)
.157
(4.00)
.744
(18.90)
.047
(1.19)
STROKE
.200
(5.08)
.157
(3.98)
DIA.
.098
(2.48)
DIA.
.374
(9.50)
.028
(0.71)
TYP.
.071
(1.80)
TYP.
.016
(0.40)
.200
(5.08)
.012
(0.30)
TYP.
.130
(3.30)
.024
(0.61)
TYP.
1
2
3
.100
(2.54)
TYP
.220
(5.58)
EPOXY
SEAL
.028
(0.71)
.100
(2.54)
.197
(5.00)
Part Number
Tyco
Alcoswitch
Type
Contact Type
Electronics
2-1437567-1
APBE2RGRA
DPDT
On
(On)
Gold
Terminals Connected:
2-3 & 5-6 (2-1 & 5-4)
(On) indicates momentary position.
Part Number
Tyco
Alcoswitch
Type
Contact Type
Electronics
1-1437567-9
APBE1FGRA
SPDT
On
(On)
Gold
Terminals Connected:
2-3
(2-1)
(On) indicates momentary position.


Similar Part No. - 1437567-2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1437562 PHOENIX-1437562 Datasheet
464Kb / 13P
   SACCBP-MS-5CON-PG9/0,5-920SCO - Device connector, rear mounting
logo
Tyco Electronics
1437566-3 MACOM-1437566-3 Datasheet
101Kb / 1P
   FSMSM PUSHBUTTON SWITCH
1437566-3 MACOM-1437566-3 Datasheet
2Mb / 30P
   Switches Core Program
1437566-3 MACOM-1437566-3 Datasheet
2Mb / 30P
   Switches Core Program
1437566-3 MACOM-1437566-3 Datasheet
2Mb / 30P
   Switches Core Program
More results

Similar Description - 1437567-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437567-5 MACOM-2-1437567-5 Datasheet
288Kb / 6P
   Pushbutton Switches, .120 Actuator, Straight
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com