Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA505BG Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TCA505BG
Description  IC for Inductive Proximity Switches with Short-Circuit Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA505BG Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TCA505BG Datasheet HTML 2Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 3Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 4Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 5Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 6Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 7Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 8Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 9Page - Siemens Semiconductor Group TCA505BG Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Semiconductor Group
6
TCA 505 BG
Pin Functions
Pin 1; LC
The resonant circuit of the proximity switch is connected between LC and ground.
Pin 2; RDi
A resistor between this pin and ground sets the current in the oscillator circuit. The greater the
value of the resistor, the smaller is the current feed from the oscillator into the resonant circuit
and the greater therefore is the switching distance. The greater the Q of the resonant circuit,
the greater is the value of the distance resistor necessary for setting a certain switching
distance.
Pin 4; CI
CI
can remain open; if high noise immunity is to be achieved however, this pin should be
provided with a series RC element (RI, CI). If pin CD is not used, a correctly dimensioned RC
element on this pin will also prevent any erroneous pulses on the output when the supply
voltage is turned on (see application circuit 1).
Pin 5; RHy
Depending on the status of the circuit, RHy will be high-impedance or low-impedance to ground
(open collector). If the distance resistance (see RDi) is split into two resistors RDi and RHy, a
distance hysteresis can be set by means of RHy. If series hysteresis is applied, RHy is connected
in series with RDi or shorted. If parallel hysteresis is applied, RHy is connected in parallel with RDi
or made high-impedance (see application circuit 1).
Pin 6; SC
SC serves for short-circuit sensing in the output circuit that is to be protected. The current can
be sensed referred to ground or VS. The current sensing is made by a dedicated resistor in the
output circuit. For a voltage drop
0.3 V across VS and SC or across ground and SC, all outputs
are turned off after the turn-OFF delay (brief glitches on the outputs or the charging of line
capacitances therefore do not trigger the short-circuit protection). After a pause about 200
times the turn-off delay, the outputs turn-ON again. If the short-circuit is still present, the turn-
OFF cycle will start up anew.


Similar Part No. - TCA505BG

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA505BG SIEMENS-TCA505BG Datasheet
995Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
TCA505BG SIEMENS-TCA505BG_05 Datasheet
995Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
More results

Similar Description - TCA505BG

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA505BG SIEMENS-TCA505BG_05 Datasheet
995Kb / 18P
   IC for Inductive Proximity Switches with Short-Circuit Protection
TCA705 SIEMENS-TCA705 Datasheet
357Kb / 13P
   IC for inductive Proximity Switches with 0.5 A Output Stage
logo
Pepperl+Fuchs Inc.
NJ20-40-A2 PF-NJ20-40-A2 Datasheet
37Kb / 1P
   Inductive proximity switches
NBB5-18GM50-E2-10M PF-NBB5-18GM50-E2-10M Datasheet
140Kb / 1P
   Inductive proximity switches
2019-09-04
NJ3-V3-N-Y30018 PF-NJ3-V3-N-Y30018 Datasheet
72Kb / 2P
   Inductive proximity switches
NJ2-12GM40-E2-V1-Y37715 PF-NJ2-12GM40-E2-V1-Y37715 Datasheet
118Kb / 1P
   Inductive proximity switches
NJ10-30GK50-E2-5M PF-NJ10-30GK50-E2-5M Datasheet
77Kb / 1P
   Inductive proximity switches
logo
alpha microelectronics ...
AMG-SM101 ALPHA-MICRO-AMG-SM101 Datasheet
690Kb / 17P
   Inductive Proximity Sensor IC
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com