Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB101G-DB107G Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # DB101G-DB107G
Description  SINGLE PHASE 1.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

DB101G-DB107G Datasheet(HTML) 1 Page - Nanjing International Group Co

  DB101G-DB107G Datasheet HTML 1Page - Nanjing International Group Co DB101G-DB107G Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.098
.087(2.2
(2.5
SINGLE PHASE 1.0 AMP
GLASS PASSIVATED BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=40 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 0.5A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
DB101
G
DB102
G DB103G DB104G DB105G DB106G DB107G
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.0
50
5
500
-65
+150
-65
+150
V
A
A
V
u
A
u
A
C
C
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.0 grams
DB101
G THRU DB107G
1.0
.2
67(6.8)
)
.195(5.0)
.350(8.9)
.205(5.2)
.3
46(8.8)
.24
4(6.2)
)
.155(3.9)
.300(7.6)
.195(5.0)
.3
23(8.2)
.060
1.5
.020
(0.5)
+
~
~
DB-1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
www.dgnjdz.com


Similar Part No. - DB101G-DB107G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DB101G ZOWIE-DB101G Datasheet
52Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
DB101G TSC-DB101G Datasheet
122Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB101G LUGUANG-DB101G Datasheet
248Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
America Semiconductor, ...
DB101G AMERICASEMI-DB101G Datasheet
453Kb / 2P
   BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
DB101G GENESIC-DB101G Datasheet
311Kb / 3P
   Silicon Bridge Rectifier
More results

Similar Description - DB101G-DB107G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBP101G TSC-KBP101G_10 Datasheet
468Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS2 DGNJDZ-ABS2_02 Datasheet
416Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
DB107S- DGNJDZ-DB107S- Datasheet
262Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
ABS2 BYTESONIC-ABS2 Datasheet
680Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBP100G JGD-KBP100G Datasheet
122Kb / 2P
   SINGLE PHASE 1.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Nanjing International G...
LB10M DGNJDZ-LB10M Datasheet
313Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB101 LUGUANG-DB101 Datasheet
255Kb / 2P
   Single Phase 1.0 AMP Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
ABS2 YEASHIN-ABS2 Datasheet
751Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DBL101G LUGUANG-DBL101G Datasheet
204Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS2 DGNJDZ-ABS2 Datasheet
375Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2-281A-29 DGNJDZ-ABS2-281A-29 Datasheet
408Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com