Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR102 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # BR102
Description  SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BR102 Datasheet(HTML) 2 Page - Nanjing International Group Co

  BR102 Datasheet HTML 1Page - Nanjing International Group Co BR102 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (BR1005 THRU BR1010)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
2
4
6
8
10
12
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0 1.2
1.4
3.0
0
25
50
75
100 125 150 175
Tj=25 C
Tj=25 C
0
100
50
150
250
200
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
CASE TEMPERATURE,( C)
0
20
40
60
80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
www.dgnjdz.com


Similar Part No. - BR102

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR102 RECTRON-BR102 Datasheet
23Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
RFE international
BR102 RFE-BR102 Datasheet
902Kb / 4P
   BRIDGE RECTIFIERS 10 Amps
logo
Semtech Corporation
BR102 SEMTECH-BR102 Datasheet
119Kb / 2P
   10A SINGLE - PHASE SILICON BRIDGE
logo
Shenzhen Ping Sheng Ele...
BR102 PFS-BR102 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Bytes
BR102 BYTES-BR102 Datasheet
145Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
More results

Similar Description - BR102

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
GBU1001 GWSEMI-GBU1001 Datasheet
63Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR1005 FORMOSA-BR1005 Datasheet
29Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBU1001 GWSEMI-KBU1001 Datasheet
64Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC1005 DGNJDZ-KBPC1005 Datasheet
193Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
BR1005 GWSEMI-BR1005 Datasheet
61Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
BR1005 UNIOHM-BR1005 Datasheet
60Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Bytes
BR1005 BYTES-BR1005 Datasheet
145Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC1005S DGNJDZ-KBPC1005S Datasheet
59Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
BR1005 DGNJDZ-BR1005 Datasheet
188Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Bytes
BR305 BYTES-BR305 Datasheet
145Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com