Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR102 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BR102
Description  SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BR102 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BR102 Datasheet HTML 1Page - Nanjing International Group Co BR102 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=50 C
Dimensions in inches and (millimeters)
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at
10.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
BR1005 BR101 BR102 BR104 BR106 BR108 BR1010 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
10
200
10
200
-65
+150
-65
+1
50
V
A
A
V
µA
µA
BR1005
BR1010
THRU
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
BR-10
.
595
(1
5.1)
.296(7.5)
.255(6.5)
.520(13.2)
.480(12.2)
.770(19.6)
.730(18.5)
.770(19.6)
.730(18.5)
HOLE FOR
NO. 6 SCREW
MIN.
.052(1.3) DIA.
.048(1.2) TYP.
+
AC
AC
FEATURES
* Low leakage current
* Low forward voltage
* Mounting: Hole thru for #6 screw
* Mounting position: Any
10.0 Amperes
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
www.dgnjdz.com


Similar Part No. - BR102

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR102 RECTRON-BR102 Datasheet
23Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
RFE international
BR102 RFE-BR102 Datasheet
902Kb / 4P
   BRIDGE RECTIFIERS 10 Amps
logo
Semtech Corporation
BR102 SEMTECH-BR102 Datasheet
119Kb / 2P
   10A SINGLE - PHASE SILICON BRIDGE
logo
Shenzhen Ping Sheng Ele...
BR102 PFS-BR102 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Bytes
BR102 BYTES-BR102 Datasheet
145Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
More results

Similar Description - BR102

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
GBU1001 GWSEMI-GBU1001 Datasheet
63Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR1005 FORMOSA-BR1005 Datasheet
29Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBU1001 GWSEMI-KBU1001 Datasheet
64Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC1005 DGNJDZ-KBPC1005 Datasheet
193Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
BR1005 GWSEMI-BR1005 Datasheet
61Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
BR1005 UNIOHM-BR1005 Datasheet
60Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Bytes
BR1005 BYTES-BR1005 Datasheet
145Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC1005S DGNJDZ-KBPC1005S Datasheet
59Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
BR1005 DGNJDZ-BR1005 Datasheet
188Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Bytes
BR305 BYTES-BR305 Datasheet
145Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com