Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS-100BPS15-B Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # MDS-100BPS15-B
Description  MDS Medical AC-DC Open Frame
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-100BPS15-B Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  MDS-100BPS15-B Datasheet HTML 1Page - Delta Electronics, Inc. MDS-100BPS15-B Datasheet HTML 2Page - Delta Electronics, Inc. MDS-100BPS15-B Datasheet HTML 3Page - Delta Electronics, Inc. MDS-100BPS15-B Datasheet HTML 4Page - Delta Electronics, Inc. MDS-100BPS15-B Datasheet HTML 5Page - Delta Electronics, Inc. MDS-100BPS15-B Datasheet HTML 6Page - Delta Electronics, Inc. MDS-100BPS15-B Datasheet HTML 7Page - Delta Electronics, Inc. MDS-100BPS15-B Datasheet HTML 8Page - Delta Electronics, Inc. MDS-100BPS15-B Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TECHNICAL DATASHEET
MDS Medical AC-DC Open Frame
15Volt, 100Watt / MDS-100BPS15 B
EMC (Compliant with IEC 60601-1-2 4th Ed. Requirements)
EMC / Emissions
EN55011/EN55022,FCC Title 47:Class B
Harmonic Current Emissions
IEC61000-3-2
Meet Class A limit
Immunity to
Voltage Flicker
IEC61000-3-3
Electrostatic Discharge
IEC61000-4-2
Level 4 Criteria A
1)
Air Discharge: 15kV
Contact Discharge: 8kV
Radiated Field
IEC61000-4-3
Criteria A
1)
80MHz-2700MHz, 10V/m AM modulation
385MHz-5785MHz, 28V/m Pulse mode and other
modulation
Electrical Fast Transient / Burst
IEC61000-4-4
Level 3 Criteria A
1) :2kV
Surge
IEC61000-4-5
Level 3 Criteria A
1)
Common Mode
3): 2kV
Differential Mode
4): 1kV
Conducted
IEC61000-4-6
Level 2 Criteria A
1)
150kHz-80MHz, 3Vrms, 6Vrms at ISM bands and
Amateur radio bands
Power Frequency Magnetic Fields
IEC61000-4-8
Criteria A
1)
Magnetic field strength 30A/m
Voltage Dips
IEC61000-4-11
Criteria B
2)
0% UT, 0.5 cycle (10ms)
, 0
o/45o/90o/135o/180o/225o/270o/315o/360o
Criteria B
2)
0% UT, 1 cycle (20ms), 0
o
Criteria A
1)
70% UT, 25 cycle (500ms), 0
o
Criteria B
2)
0% UT, 250 cycle (5000ms), 0
o
1) Criteria A: Normal performance within the specification limits
2) Criteria B: Output out of regulation, or shuts down during test. Automatically restore to normal operation after test.
3) Asymmetrical: Common mode (Line to earth)
4) Symmetrical: Differential mode (Line to line)
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November 2016, Rev. 04)
5


Similar Part No. - MDS-100BPS15-B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-100BPS15B DELTA-MDS-100BPS15B Datasheet
447Kb / 10P
   MDS Medical AC-DC Open Frame
More results

Similar Description - MDS-100BPS15-B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-065APS12BA DELTA-MDS-065APS12BA Datasheet
650Kb / 11P
   MDS Medical AC-DC Open Frame
MDS-065APS15BA DELTA-MDS-065APS15BA Datasheet
643Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-065APS24BA DELTA-MDS-065APS24BA Datasheet
640Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-400AUS19B DELTA-MDS-400AUS19B Datasheet
603Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS12B DELTA-MDS-100BPS12B Datasheet
450Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-065APS24-B DELTA-MDS-065APS24-B Datasheet
492Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-400AUS19-B DELTA-MDS-400AUS19-B Datasheet
603Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS18-B DELTA-MDS-100BPS18-B Datasheet
462Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100APS24B DELTA-MDS-100APS24B Datasheet
623Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS24-B DELTA-MDS-100BPS24-B Datasheet
591Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-040APS18-B DELTA-MDS-040APS18-B Datasheet
578Kb / 10P
   MDS Medical AC-DC Open Frame
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com