Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS-090AAS15-F Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # MDS-090AAS15-F
Description  MDS Medical AC-DC Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-090AAS15-F Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  MDS-090AAS15-F Datasheet HTML 1Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 2Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 3Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 4Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 5Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 6Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 7Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 8Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TECHNICAL DATASHEET
MDS Medical AC-DC Adapter
15Volt, 90Watt / MDS-090AAS15 F/B
```
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November 2016, Rev. 03)
1
090AAS15 F/B
Highlights & Features
– Meet Efficiency Level VI
– Safety Approvals to IEC 60601-1 3.1rd ed. & IEC 60950-1
– Compliant with IEC 60601-1-2 4th Ed. Requirements
– Low touch current (<0.1mA Normal & ,0.3mA single fault)
– Over-Voltage/Load/Temperature & Short Circuit protections
– 1 Million Hours MTBF
2 × MOPP isolation
– 3 years warranty
Safety Standards
CB Certified for worldwide use
Model Number:
MDS-090AAS15 F/B
Unit Weight:
450 grams (16.2 ounces)
Dimensions (W x L x H): 60.0x150.0x35.0 mm
2.4x5.9x1.4 in
General Description
The MDS series of external power supply come with universal AC input at 90Vac to 264Vac. Other features include low
touch current, risk management report available and the electric shock protection comply with 2 x MOPP. The MDS series
is certified for EMC standards according to EN 55011 for industrial, scientific and medical (ISM) radio-frequency
equipment and EN 55022 for Information Technology Equipment (ITE) radio-frequency equipment. In addition, only
recognized Japanese capacitors are used.
The MDS series come with both medical and ITE safety approvals including UL/cUL/CCC/CE and CB certification and are
fully compliant with RoHS Directive 2011/65/EU for environmental protection..
Model Information
Medical AC-DC Adapter
Model Number
Input Voltage Range
Output Voltage
Output Current
MDS-090AAS15 F/B
90-264Vac
15Vdc
6A
Model Numbering
MDS
Delta Medical
power Supply
-
090
Max wattage in the product series.
Maybe lower at some voltage.
090
→ 90W
AAS
Family Code
15
Output Voltage
Single Output:
15 for 15V
F/B


Similar Part No. - MDS-090AAS15-F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-090AAS15BA DELTA-MDS-090AAS15BA Datasheet
719Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS15F DELTA-MDS-090AAS15F Datasheet
574Kb / 10P
   Medical AC-DC Adapter
More results

Similar Description - MDS-090AAS15-F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-090AAS19-F DELTA-MDS-090AAS19-F Datasheet
577Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS15BA DELTA-MDS-090AAS15BA Datasheet
719Kb / 10P
   MDS Medical AC-DC Adapter
MDS-150AAS19BA DELTA-MDS-150AAS19BA Datasheet
810Kb / 10P
   MDS Medical AC-DC Adapter
MDS-060AAS15-B DELTA-MDS-060AAS15-B Datasheet
617Kb / 10P
   MDS Medical AC-DC Adapter
MDS-150AAS12BA DELTA-MDS-150AAS12BA Datasheet
1Mb / 10P
   MDS Medical AC-DC Adapter
MDS-150AAS24BA DELTA-MDS-150AAS24BA Datasheet
884Kb / 10P
   MDS Medical AC-DC Adapter
MDS-060AAS19-B DELTA-MDS-060AAS19-B Datasheet
617Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS19BA DELTA-MDS-090AAS19BA Datasheet
727Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS24-F DELTA-MDS-090AAS24-F Datasheet
577Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS24F DELTA-MDS-090AAS24F Datasheet
577Kb / 10P
   MDS Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com