Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS-090AAS15-F Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # MDS-090AAS15-F
Description  MDS Medical AC-DC Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-090AAS15-F Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button MDS-090AAS15-F Datasheet HTML 2Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 3Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 4Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 5Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 6Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 7Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 8Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 9Page - Delta Electronics, Inc. MDS-090AAS15-F Datasheet HTML 10Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TECHNICAL DATASHEET
MDS Medical AC-DC Adapter
15Volt, 90Watt / MDS-090AAS15 F/B
```
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November 2016, Rev. 03)
9
Dynamic Response
Inrush Current
Inrush current is the input current that occurs when the input
voltage is first applied. For AC input voltages, the maximum peak
value of inrush current will occur during the first half cycle of the
applied AC voltage. This peak value decreases exponentially
during subsequent cycles of AC voltage.
Overvoltage Protection
The power supply’s overvoltage circuit will be activated when its
internal feedback circuit fails. The output voltage shall not exceed
its specifications defined on Page 4
under “Protections”. Power
supply will latch off, and require removal/re-application of input
AC voltage in order to restart.
Short Circuit Protection
The power supply’s output OLP/OCP function also provides
protection against short circuits. When a short circuit is applied,
the output current will operate in “Hiccup mode”, as shown in the
illustration in the OLP/OCP section on this page. The power
supply will return to normal operation after the short circuit is
removed.
Overload & Over current Protections
The power supply’s Overload (OLP) and Over current (OCP)
Protections will be activated when output current is between
110% and 130% of IO (Max load). Upon such an occurrence, VO
will start to drop. Once the power supply has reached its
maximum power limit, the protection will be activated. and the
power supply will go into “Hiccup mode” (Auto-Recovery). The
power supply will recover once the fault condition causing the
OLP and OCP is removed and IO is back within the specified limit.
Additionally, if the IO is <130% but >110% for a prolong period of
time (depending on the load), the Over Temperature Protection
(OTP) will be activated due to high temperature on critical
components. The power supply will then go into hiccup mode until
the fault is removed; and, the input voltage is removed, then
reapplied.
Over Temperature Protection
As
mentioned
above,
the
power
supply
also
has
Over
Temperature Protection (OTP). This is activated when the
overload condition persists for an extended duration and the
output current is below the overload trigger point but >100% load.
In the event of a higher operating condition at 100% load, the
power supply will run into OTP when the surrounding air
temperature is higher than the operating temperature. When
activated, the output voltage will go into hiccup mode until the
input voltage is removed; then, reapplied, and the surrounding air
temperature drops to its normal operating temperature.
50% Load
T (sec)
100%
Load
50ms
50ms
50ms
50ms
The power supply output voltage will remain within ±5% of its
steady state value, when subjected to a dynamic load change
from 50 to 100% of its rated current.


Similar Part No. - MDS-090AAS15-F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-090AAS15BA DELTA-MDS-090AAS15BA Datasheet
719Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS15F DELTA-MDS-090AAS15F Datasheet
574Kb / 10P
   Medical AC-DC Adapter
More results

Similar Description - MDS-090AAS15-F

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-090AAS19-F DELTA-MDS-090AAS19-F Datasheet
577Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS15BA DELTA-MDS-090AAS15BA Datasheet
719Kb / 10P
   MDS Medical AC-DC Adapter
MDS-150AAS19BA DELTA-MDS-150AAS19BA Datasheet
810Kb / 10P
   MDS Medical AC-DC Adapter
MDS-060AAS15-B DELTA-MDS-060AAS15-B Datasheet
617Kb / 10P
   MDS Medical AC-DC Adapter
MDS-150AAS12BA DELTA-MDS-150AAS12BA Datasheet
1Mb / 10P
   MDS Medical AC-DC Adapter
MDS-150AAS24BA DELTA-MDS-150AAS24BA Datasheet
884Kb / 10P
   MDS Medical AC-DC Adapter
MDS-060AAS19-B DELTA-MDS-060AAS19-B Datasheet
617Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS19BA DELTA-MDS-090AAS19BA Datasheet
727Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS24-F DELTA-MDS-090AAS24-F Datasheet
577Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS24F DELTA-MDS-090AAS24F Datasheet
577Kb / 10P
   MDS Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com