Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK1743-D35I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK1743-D35I
Description  NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK1743-D35I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK1743-D35I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK1743-D35I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK1743-D35I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK1743-D35I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK1743-D35I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK1743-D35I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK1743-D35I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK1743-D35I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK1743-D35I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 1999
7-1
STK1743
nvTime
8K x 8
AutoStore™ nvSRAM
with Real-Time Clock
FEATURES
• Data Integrity of Simtek nvSRAM Combined
with Full-Featured Real-Time Clock
• Stand-Alone Nonvolatile Memory and Time-
Keeping Solution—No Other Parts Required
• No Batteries to Fail
• Fast 25ns, 35ns and 45ns Access Times
• Software- and
AutoStore™-Controlled
Nonvolatile Cycles
• Year 2000 Compliant with Leap Year
Compensation
• 24-Hour BCD Format
• 100-Year Data Retention over Full Industrial
Temperature Range
• Full 30-Day RTC Operation on Each Power
Loss
• Single 5V
± 10% Power Supply
DESCRIPTION
The Simtek STK1743 DIP module houses 64Kb of
nonvolatile static RAM, a real-time clock (RTC) with
crystal and a high-value capacitor to support sys-
tems that require high reliability and ease of manu-
facturing. READ and WRITE access to all RTC
functions and the memory is the same as a conven-
tional x 8 SRAM. The highest eight addresses of the
RAM
support clock registers for centuries, years,
months, dates, days, hours, minutes and seconds.
Independent data resides in the integral EEPROM at
all times. Automatic RECALL on power up transfers
the EEPROM data to the SRAM, while an automatic
STORE
on power down transfers SRAM data to the
EEPROM
. A software RECALL and STORE are also
possible on user command.
nvTime™ allows unlim-
ited accesses to SRAM, unlimited RECALLs and 106
STORE
s.
BLOCK DIAGRAM
EEPROM ARRAY
128 x 512
STORE
RECALL
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
128 x 512
STORE/
RECALL
CONTROL
POWER
CONTROL
A6
A7
A11
A12
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
SOFTWARE
DETECT
VCC
A0 - A12
G
E
W
A9
A8
A10
A3
A2
A0 A1
A4
A5
RTC
MUX
A0 -
A12
PIN CONFIGURATIONS
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
NC
A8
A9
A11
G
W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
600 mil
Dual
In-Line
Module
PIN NAMES
A0 - A12
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
VCC
Power (+ 5V)
VSS
Ground
ADVANCE


Similar Part No. - STK1743-D35I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK1744-D25 ETC-STK1744-D25 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK1744-D25I ETC-STK1744-D25I Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK1744-D35 ETC-STK1744-D35 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
STK1744-D35I ETC-STK1744-D35I Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
More results

Similar Description - STK1743-D35I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com