Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7737A Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT7737A
Description  PFM Step-up DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7737A Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT7737A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7737A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7737A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7737A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7737A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7737A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7737A Datasheet HTML 9Page - Holtek Semiconductor Inc HT7737A Datasheet HTML 10Page - Holtek Semiconductor Inc HT7737A Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
HT77xxA
Rev 1.40
7
June 25, 2016
5 . 5
5 . 2
4 . 9
4 . 6
4 . 3
4 . 0
3 . 7
3 . 4
3 . 1
2 . 8
2 . 5
V I N = 1 . 2 V
V I N = 1 . 5 V
V I N = 3 . 0 V
V I N = 2 . 0 V
O u t p u t C u r r e n t ( m A )
0
2 0
4 0
6 0
8 0 1 0 0 1 2 0 1 4 0 1 6 0 1 8 0 2 0 0
HT7750A Output Voltage v.s Output Current
(CIN=47
mF-Tantalum, L=47mH, COUT=22mF-Tantalum)
9 0 %
8 5 %
8 0 %
7 5 %
7 0 %
6 5 %
6 0 %
5 5 %
V I N = 1 . 2 V
V I N = 1 . 5 V
V I N = 3 . 0 V
V I N = 2 . 0 V
O u t p u t C u r r e n t ( m A )
0
2 0 4 0
6 0 8 0 1 0 0 1 2 0 1 4 0 1 6 0 1 8 0 2 0 0 2 2 0
HT7750A Efficiency v.s Output Current
(CIN=47
mF-Tantalum, L=47mH, COUT=22mF-Tantalum)
3 6 0
3 1 0
2 6 0
2 1 0
1 6 0
1 1 0
6 0
1 0
V I N = 1 . 2 V
V I N = 1 . 5 V
V I N = 3 . 0 V
V I N = 2 . 0 V
O u t p u t C u r r e n t ( m A )
0
2 0 4 0
6 0 8 0 1 0 0 1 2 0 1 4 0 1 6 0 1 8 0 2 0 0 2 2 0
HT7750A Ripple Voltage v.s Output Current
(CIN=47
mF-Tantalum, L=47mH, COUT=22mF-Tantalum)
3 6 0
3 1 0
2 6 0
2 1 0
1 6 0
1 1 0
6 0
1 0
V I N = 1 . 2 V
V I N = 1 . 5 V
V I N = 3 . 0 V
V I N = 2 . 0 V
O u t p u t C u r r e n t ( m A )
0
1 0
2 0 3 0
4 0
5 0 6 0
7 0
8 0 9 0 1 0 0 1 1 0
HT7750A Ripple Voltage v.s Output Current
(CIN=47
mF-Tantalum, L=100mH, COUT=22mF-Tantalum)
1 . 2
1 . 1
1
0 . 9
0 . 8
0 . 7
0 . 6
0 . 5
0 . 4
0 . 3
0 . 2
0 . 1
O u t p u t C u r r e n t ( m A )
0
2
4
6
8
1 0
1 2
1 4 1 6
1 8 2 0
2 2
S t a r t - u p
H o l d - o n
HT7750A Start-up/Hold-on Voltage
(CIN=47
mF-Tantalum, L=47mH, COUT=22mF-Tantalum)
I O U T = 1 0 m A
- 4 0
I O U T = 3 0 m A
I O U T = 5 0 m A
I O U T = 1 0 0 m A
- 1 5
1 0
3 5
6 0
8 5
T e m p e r a t u r e ( ° C )
0 %
2 0 %
4 0 %
6 0 %
8 0 %
1 0 0 %
I O U T = 1 5 0 m A
I O U T = 2 0 0 m A
HT7750A Efficiency v.s Temperature


Similar Part No. - HT7737A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7737 HOLTEK-HT7737 Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
HT7737 HOLTEK-HT7737 Datasheet
507Kb / 19P
   PFM Step-up DC/DC Converter
HT7737 HOLTEK-HT7737 Datasheet
474Kb / 19P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
HT7737 HOLTEK-HT7737 Datasheet
406Kb / 16P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
HT7737S HOLTEK-HT7737S Datasheet
2Mb / 29P
   100mA PFM Synchronous Step-up DC/DC Converter
More results

Similar Description - HT7737A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
   PFM Step-up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2821 KEXIN-RCR2821 Datasheet
323Kb / 5P
   PFM Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX_07 Datasheet
507Kb / 19P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CYT2606L ETC2-CYT2606L Datasheet
473Kb / 8P
   PFM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com