Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU606 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # GBU606
Description  BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

GBU606 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  GBU606 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. GBU606 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristic Curves (TA=25 ℃ unless otherwise noted)
http://www.trr-jx.com
0
0
2
4
6
25
50
75
100
125
150
Resistive or
Inductive load
3
5
1
With heatsink
Without heatsink
TEMPERATURE
BRIDGE RECTIFIERS
GBU6005 THRU GBU610


Similar Part No. - GBU606

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU606 DIODES-GBU606 Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. D-2
logo
SeCoS Halbleitertechnol...
GBU606 SECOS-GBU606 Datasheet
278Kb / 2P
   6.0Amp Glass Passivated Bridge Rectifiers
GBU606 SECOS-GBU606 Datasheet
963Kb / 2P
   Voltage 50V ~ 1000V 6.0Amp Glass Passivited Bridge Rectifiers
logo
Thinki Semiconductor Co...
GBU606 THINKISEMI-GBU606 Datasheet
391Kb / 2P
   6.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU606 TSC-GBU606 Datasheet
59Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - GBU606

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com